Electronic Components Datasheet Search
  English  ▼

X  

WF200D Datasheet(PDF) 2 Page - Silicon Laboratories

Part # WF200D
Description  WF200 Data Sheet: Wi-Fi짰 Network Co-Processor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

WF200D Datasheet(HTML) 2 Page - Silicon Laboratories

  WF200D Datasheet HTML 1Page - Silicon Laboratories WF200D Datasheet HTML 2Page - Silicon Laboratories WF200D Datasheet HTML 3Page - Silicon Laboratories WF200D Datasheet HTML 4Page - Silicon Laboratories WF200D Datasheet HTML 5Page - Silicon Laboratories WF200D Datasheet HTML 6Page - Silicon Laboratories WF200D Datasheet HTML 7Page - Silicon Laboratories WF200D Datasheet HTML 8Page - Silicon Laboratories WF200D Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
Table of Contents
1. Features List ............................... 4
2. Ordering Guide .............................. 5
3. System Overview .............................. 6
3.1 Introduction ............................... 6
3.2 Wi-Fi Supported 2.4 GHz Bandwidth and Channels ................. 6
4. Electrical Specifications ........................... 7
4.1 Absolute Maximum Ratings.......................... 7
4.2 Operating Conditions ............................ 8
4.3 Power Consumption ............................ 9
4.4 RF Transmitter General Characteristics .....................10
4.4.1 RF Transmitter Characteristics .......................11
4.5 RF Receiver General Characteristics ......................12
4.5.1 RF Receiver Characteristics ........................13
4.6 Reference Oscillator and Clock Characteristics ...................15
4.6.1 Crystal Requirements for using Internal Oscillator .................16
4.6.2 External Oscillator Required Characteristics...................17
4.6.3 Low Power 32.768 kHz Clock Input Requirements ................17
4.7 Interface Terminal Characteristics .......................18
4.7.1 Supply Terminal Specifications .......................18
4.7.2 Digital I/O Terminal Specifications ......................18
4.8 Host Interface ..............................18
4.8.1 SPI Specification ............................20
4.8.2 SDIO Specification ...........................21
5. Typical Applications and Connections ..................... 22
5.1 Typical Application Circuit for SDIO Host Interface ..................22
5.2 Typical Application Circuit for SPI Host Interface ..................23
5.3
Power States and Low-Power Modes .....................24
5.4 RF Connections .............................24
5.4.1 Antenna Ports .............................24
5.4.2 Antenna Diversity ...........................24
5.4.3 FEM Support .............................24
5.5 Clocks .................................26
5.5.1 XTAL_I and XTAL_O connections for Crystal ..................26
5.5.2 XTAL_I and XTAL_O connections for TCXO ..................26
5.5.3 LP_CLK Port .............................26
5.6 Multi-Protocol Coexistence ..........................26
6. Pin Descriptions ............................. 27
7. Package Outline ............................. 29
silabs.com | Building a more connected world.
Rev. 1.1 | 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com