Electronic Components Datasheet Search
  English  ▼

X  

CC2652RSIP Datasheet(PDF) 58 Page - Texas Instruments

Click here to check the latest version.
Part # CC2652RSIP
Description  CC2652RSIP SimpleLink??Multiprotocol 2.4-GHz Wireless System-in-Package
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2652RSIP Datasheet(HTML) 58 Page - Texas Instruments

Back Button CC2652RSIP Datasheet HTML 54Page - Texas Instruments CC2652RSIP Datasheet HTML 55Page - Texas Instruments CC2652RSIP Datasheet HTML 56Page - Texas Instruments CC2652RSIP Datasheet HTML 57Page - Texas Instruments CC2652RSIP Datasheet HTML 58Page - Texas Instruments CC2652RSIP Datasheet HTML 59Page - Texas Instruments CC2652RSIP Datasheet HTML 60Page - Texas Instruments CC2652RSIP Datasheet HTML 61Page - Texas Instruments CC2652RSIP Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 67 page
background image
12 Device and Documentation Support
TI offers an extensive line of development tools. Tools and software to evaluate the performance of the device,
generate code, and develop solutions are listed as follows.
12.1 Device Nomenclature
To designate the stages in the product development cycle, TI assigns prefixes to all part numbers and/or date-
code. Each device has one of three prefixes/identifications: X, P, or null (no prefix) (for example, XCC2652RSIP
is in preview; therefore, an X prefix/identification is assigned).
Device development evolutionary flow:
X
Experimental device that is not necessarily representative of the final device's electrical specifications and
may not use production assembly flow.
P
Prototype device that is not necessarily the final silicon die and may not necessarily meet final electrical
specifications.
null Production version of the silicon die that is fully qualified.
Production devices have been characterized fully, and the quality and reliability of the device have been
demonstrated fully. TI's standard warranty applies.
Predictions show that prototype devices (X or P) have a greater failure rate than the standard production
devices. Texas Instruments recommends that these devices not be used in any production system because their
expected end-use failure rate still is undefined. Only qualified production devices are to be used.
TI device nomenclature also includes a suffix with the device family name. This suffix indicates the package type
(for example, RGZ).
For orderable part numbers of CC2652RSIP devices in the RGZ (7-mm x 7-mm) package type, see the Package
Option Addendum of this document, the Device Information in Section 3, the TI website (www.ti.com), or contact
your TI sales representative.
PREFIX
X = Experimental device
Blank = Qualified devie
CONFIGURATION
R = Regular
P = +10 dBm PA included
DEVICE
SimpleLink™ Ultra-Low-Power
Wireless MCU
R = Large Reel
PACKAGE DESIGNATOR
MOT = LGA Package
MODULE
SIP = System-in-Package
CC2652
R
SIP
MOT
R
Figure 12-1. Device Nomenclature
12.2 Tools and Software
The CC2652RSIP device is supported by a variety of software and hardware development tools.
Development Kit
CC2652RSIP
LaunchPad™
Development Kit
The CC2652RSIP LaunchPad™ Development Kit enables development of high-performance
wireless applications that benefit from low-power operation. The kit features the
CC2652PSIP SimpleLink Wireless system-in-Package, which allows you to quickly evaluate
and prototype 2.4-GHz wireless applications such as Bluetooth 5 Low Energy, Zigbee and
Thread, plus combinations of these. The kit works with the LaunchPad ecosystem, easily
enabling additional functionality like sensors, display and more. The built-in EnergyTrace™
CC2652RSIP
SWRS262A – FEBRUARY 2021 – REVISED FEBRUARY 2022
www.ti.com
58
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: CC2652RSIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com