Electronic Components Datasheet Search
  English  ▼

X  

TIOS102 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TIOS102
Description  TIOS102 and TIOS102x Digital Sensor Output Drivers with Integrated Surge Protection In Small Packages
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIOS102 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TIOS102 Datasheet HTML 2Page - Texas Instruments TIOS102 Datasheet HTML 3Page - Texas Instruments TIOS102 Datasheet HTML 4Page - Texas Instruments TIOS102 Datasheet HTML 5Page - Texas Instruments TIOS102 Datasheet HTML 6Page - Texas Instruments TIOS102 Datasheet HTML 7Page - Texas Instruments TIOS102 Datasheet HTML 8Page - Texas Instruments TIOS102 Datasheet HTML 9Page - Texas Instruments TIOS102 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
6.5 Thermal Information
THERMAL METRIC (1)
TIOS102,
TIOS1023,
TIOS1025
TIOS102, TIOS1023
UNIT
DRC (10 Pins)
YAH (12 Pins)
RθJA
Junction-to-ambient thermal resistance
45.9
79.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
45.9
0.3
°C/W
RθJB
Junction-to-board thermal resistance
17.9
19.5
°C/W
ψJT
Junction-to-top characterization parameter
0.7
0.1
°C/W
ψJB
Junction-to-board characterization parameter
17.8
19.4
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
4.7
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.6 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted). Typical values are at VVCC = 24 V, VVCC_IN = 3.3 V,
VVCC_OUT = 3.3 V and TA = 25 ℃ unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLIES (VCC)
I(VCC)
Quiescent supply current
EN = LOW, no load
1.5
2.2
mA
EN = HIGH, no load
2.2
2.95
mA
LOGIC-LEVEL INPUTS (EN, IN, VSEL)
VIL
Input logic low voltage
0.8
V
VIH
Input logic high voltage
2
V
RPD
Pull-down (EN) resistance
100
kΩ
RPU
Pull-up (IN) resistance
200
kΩ
RPU
Pull-up (VSEL) resistance
1000
kΩ
CONTROL OUTPUTS (NFAULT)
VOL
Output logic low voltage
IO = 4 mA
0.5
V
IOZ
Output high impedance leakage
Output in Hi-Z, VO = 0 V or VCC_IN/OUT
–1
1
µA
DRIVER OUTPUT (OUT)
RDS(ON)
High-side driver on-resistance
2.5
4.5
Ω
VDS(ON)
High-side driver residual voltage
I = 200 mA
0.5
0.9
V
I = 100 mA
0.25
0.5
V
RDS(ON)
Low-side driver on-resistance
2.5
4.5
Ω
VDS(ON)
Low-side driver residual voltage
I = 200 mA
0.5
0.9
V
I = 100 mA
0.25
0.5
V
IP
OUT pull-up/down current
EN = LOW, IN = LOW, pull-down
current
0 ≤ V(OUT) ≤
(V(VCC) - 0.1) V
40
50
80
µA
IP
OUT pull-up/down current
EN = LOW, IN = HIGH, pull-up
current
40
50
80
µA
IO(LIM)
Driver output current limit
RSET = 10 kΩ;
V(OUT) = (V(VCC)-3) V or 3 V
300
350
400
mA
RSET = 110 kΩ;
V(OUT) = (V(VCC)-3) V or 3 V
35
50
70
mA
RSET = 0 to 5 kΩ; (2)
V(OUT) = (V(VCC)-3) V or 3 V
TJ < T(SDN) or t < 200 µs
500
mA
(Fast-detect mode) RSET = OPEN(1)
V(OUT) = (V(VCC)-3) V or 3 V
260
330
400
mA
TIOS102, TIOS1023, TIOS1025
SLLSFL4 – FEBRUARY 2022
www.ti.com
6
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TIOS102 TIOS1023 TIOS1025



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com