Electronic Components Datasheet Search
  English  ▼

X  

TIOS102 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TIOS102
Description  TIOS102 and TIOS102x Digital Sensor Output Drivers with Integrated Surge Protection In Small Packages
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIOS102 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TIOS102 Datasheet HTML 7Page - Texas Instruments TIOS102 Datasheet HTML 8Page - Texas Instruments TIOS102 Datasheet HTML 9Page - Texas Instruments TIOS102 Datasheet HTML 10Page - Texas Instruments TIOS102 Datasheet HTML 11Page - Texas Instruments TIOS102 Datasheet HTML 12Page - Texas Instruments TIOS102 Datasheet HTML 13Page - Texas Instruments TIOS102 Datasheet HTML 14Page - Texas Instruments TIOS102 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
8 Detailed Description
8.1 Overview
Figure 8-1 shows that the device driver output (OUT) can be used in a push-pull, high-side, or low-side
configuration using the enable (EN) and transmit data (IN) input pins. OUT can drive resistive, large capacitive or
large inductive loads.
TIOS102 and TIOS102x devices have integrated IEC 61000-4-4/5 EFT and surge protection. In addition,
tolerance to ±65-V transients enables flexibility to choose from a wider range of TVS diodes if an application
requires higher levels of protection. These integrated robustness features will simplify the system-level design by
reducing the external protection circuitry.
These devices implement protection features for over-current, over-voltage and over-temperature conditions.
The devices also provide a current-limit setting of the driver output current using an external resistor.
The TIOS102x devices derive the low voltage supply from the typical 24 V industrial supply via an internal linear
regulator to provide power to the local controller and sensor circuitry.
8.2 Functional Block Diagrams
Diagnostics
& Control
ILIM_ADJ
CUR_OK
EN
IN
VCC_IN
PWR_OK
VCC
OUT
GND
TMP_OK
NFAULT
Rev.
Polarity
Protection
Rev. Polarity
Protection
ESD and
Surge
Protection
ESD and
Surge
Protection
Figure 8-1. Block Diagram, TIOS102
VOLTAGE
REGULATOR
Diagnostics
& Control
ILIM_ADJ
CUR_OK
EN
IN
VCC_OUT
PWR_OK
VCC
OUT
GND
TMP_OK
NFAULT
Rev.
Polarity
Protection
Rev. Polarity
Protection
ESD and
Surge
Protection
ESD and
Surge
Protection
VSEL (YAH package only)
Figure 8-2. Block Diagram, TIOS102x
www.ti.com
TIOS102, TIOS1023, TIOS1025
SLLSFL4 – FEBRUARY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TIOS102 TIOS1023 TIOS1025



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com