Electronic Components Datasheet Search
  English  ▼

X  

AS78L05R Datasheet(PDF) 13 Page - BCD Semiconductor Manufacturing Limited

Part # AS78L05R
Description  100mA POSITIVE VOLTAGE REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AS78L05R Datasheet(HTML) 13 Page - BCD Semiconductor Manufacturing Limited

Back Button AS78L05R Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AS78L05R Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AS78L05R Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AS78L05R Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AS78L05R Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AS78L05R Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AS78L05R Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AS78L05R Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited AS78L05R Datasheet HTML 15Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
100mA POSITIVE VOLTAGE REGULATOR
AS78LXX
Preliminary Datasheet
13
Feb. 2006 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
Mechanical Dimensions
Unit: mm(inch)
TO-92
2.440(0.096)
2.640(0.104)
0.380(0.015)
0.550(0.022)
Φ1.600(0.063)
MAX
1.270(0.050)
TYP
1.100(0.043)
1.400(0.055)
4.400(0.173)
4.700(0.185)
3.430(0.135)
MIN
0.360(0.014)
0.510(0.020)
0.000(0.000)
0.380(0.015)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com