Electronic Components Datasheet Search
  English  ▼

X  

AS78L05R Datasheet(PDF) 2 Page - BCD Semiconductor Manufacturing Limited

Part # AS78L05R
Description  100mA POSITIVE VOLTAGE REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AS78L05R Datasheet(HTML) 2 Page - BCD Semiconductor Manufacturing Limited

  AS78L05R Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AS78L05R Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AS78L05R Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AS78L05R Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AS78L05R Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AS78L05R Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AS78L05R Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AS78L05R Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AS78L05R Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
100mA POSITIVE VOLTAGE REGULATOR
AS78LXX
Preliminary Datasheet
2
Feb. 2006 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
Pin Configuration
Figure 2. Pin Configuration of AS78LXX (Top View)
Z Package
(TO-92)
INPUT
OUTPUT
GND
1
2
3
R Package
(SOT-89-3)
INPUT
OUTPUT
GND
1
2
3
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com