Electronic Components Datasheet Search
  English  ▼

X  

MAXAUDINT1 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAXAUDINT1
Description  Audio Interface 1
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXAUDINT1 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAXAUDINT1 Datasheet HTML 1Page - Maxim Integrated Products MAXAUDINT1 Datasheet HTML 2Page - Maxim Integrated Products MAXAUDINT1 Datasheet HTML 3Page - Maxim Integrated Products MAXAUDINT1 Datasheet HTML 4Page - Maxim Integrated Products MAXAUDINT1 Datasheet HTML 5Page - Maxim Integrated Products MAXAUDINT1 Datasheet HTML 6Page - Maxim Integrated Products MAXAUDINT1 Datasheet HTML 7Page - Maxim Integrated Products MAXAUDINT1 Datasheet HTML 8Page - Maxim Integrated Products MAXAUDINT1 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Maxim Integrated │ 3
www.maximintegrated.com
Evaluates: MAXAUDINT1
Audio Interface 1
Mode of Operation
The AUDINT1 board can be evaluated in either demon-
stration (DEMO) mode or evaluation (EVAL) mode. The
mode of operation is set by switch SW1, which is located
between the two USB ports.
DEMO mode is for situations when a PC is not available
or does not have the required evaluation software. EVAL
mode is for all other situations, as listed in Table 1. For
cases where the DEV board is not I2C capable, either
mode can be used with a single USB connection (USB2).
DEMO Mode
In demonstration (DEMO) mode, the AUDINT1 board is
intended to be evaluated with one USB connection (USB2).
This mode of operation is intended for on-the-fly evalua-
tions, where a PC may not be available or has not been
setup with the required evaluation software. To utilize this
mode for I2C device configuration, the MAXQ2000 requires
customized firmware. The customized firmware contains
device-specific instructions that automatically configure
the device on power-up and/or on the pressing of the SW2
pushbutton.
Although DEMO mode is only recommended for one spe-
cific case (I2S and I2C without software), it can be set for
other cases as listed in Table 1. For these other cases,
custom MAXQ2000 firmware is not required.
EVAL Mode
In evaluation (EVAL) mode, the AUDINT1 board can be
evaluated with one or two USB connections, depending
on the needs of the companion DEV board (Table 1). The
main use case for EVAL mode is when the EV system
(AUDINT1 board + DEV board) is evaluated with a PC
that has been setup with the appropriate device-specific
evaluation software.
As shown in Table 1, there are other situations in which
the EVAL mode can be utilized. It can be used, and is rec-
ommended, when only USB audio streaming is needed.
This reduces the load placed on the USB2 port by isolat-
ing the unused I2C interface from the USB2 power rail.
It can also be used in cases where USB audio stream-
ing is not needed and a PC is not available or has not
been setup with the device-specific evaluation software.
As in DEMO mode, this case would require customized
MAXQ2000 firmware to perform the automatic I2C device
configuration (on power-up and/or on the pressing of the
SW2 pushbutton).
Power Supply
The AUDINT1 board is powered by a host PC’s USB
power (+5V) and does not require any external supplies.
The power distribution across the board is determined by
the mode of operation, which is set by the SW1 switch
(Table 1). In the recommended DEMO mode, only one
I2S
CAPABLE
DEV BOARD
I2C
CAPABLE
DEV BOARD
USING
EVALUATION
SOFTWARE
MODE
(SW1)
USB
CONNECTIONS
FUNCTIONALITY
Yes
Yes
Yes
EVAL*,
DEMO
USB1 + USB2
USB audio streaming + I2C device configura-
tion using evaluation software
Yes
Yes
No
DEMO*
USB2
Automatic I2C device configuration + USB
audio streaming
EVAL
USB1 + USB2
No
Yes
Yes
EVAL
USB1
I2C device configuration using evaluation
software
No
Yes
No
EVAL
USB1
Automatic I2C device configuration
Yes
No
—
EVAL*, DEMO
USB2
USB audio streaming
*Recommeded mode of operation.
MODE
LOGIC RAILS
(+1.8V, +3.3V, +1.2V,
3V3, 2V5)
USB-TO-I2C
CIRCUIT
LOGIC RAILS
(VDD18, VDD33,
+1.0V)
USB-TO-I2S
CIRCUIT
CLOCK CIRCUITS
EVAL*
USB1
USB2
DEMO
USB2
Table 1. USB Power Distribution
Table 2. Mode Of Operation
*Default position.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com