Electronic Components Datasheet Search
  English  ▼

X  

MAXAUDINT1 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAXAUDINT1
Description  Audio Interface 1
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXAUDINT1 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAXAUDINT1 Datasheet HTML 1Page - Maxim Integrated Products MAXAUDINT1 Datasheet HTML 2Page - Maxim Integrated Products MAXAUDINT1 Datasheet HTML 3Page - Maxim Integrated Products MAXAUDINT1 Datasheet HTML 4Page - Maxim Integrated Products MAXAUDINT1 Datasheet HTML 5Page - Maxim Integrated Products MAXAUDINT1 Datasheet HTML 6Page - Maxim Integrated Products MAXAUDINT1 Datasheet HTML 7Page - Maxim Integrated Products MAXAUDINT1 Datasheet HTML 8Page - Maxim Integrated Products MAXAUDINT1 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Maxim Integrated │ 5
www.maximintegrated.com
Evaluates: MAXAUDINT1
Audio Interface 1
appears as a sound card to the PC and shows up as a
USB Audio playback device in Windows’ Sound dialog.
Configure the
USB Audio device as the default playback
device (by pressing
Set Default) to have audio from the
PC streamed onto the AUDINT1 board. When audio is
being streamed onto the AUDINT1 board, LEDB (located
to the left of the XMOS device) turns on.
In order for the audio stream to be routed onto the con-
nected DEV board, the I2S switch needs to be configured
in the CONNECTED position (Table 5).
Note: The PCM digital audio signals are routed through
a level-translator/buffer (U5 and U7) and a switch (U3)
before routing to the J1 connector.
*Default position.
X = Don’t care
MCLK SWITCH
MSEL SWITCH
CLOCK SOURCE
DISCONNECTED
X
On-board clock is not provided to DEV board. Use this setting if the DEV board does not
require a master clock or if an external master clock is used. Connect the external master
clock to pin 2 of header J3 or pin 1 of connector J1.
CONNECTED*
SEL
The on-board clock selected by the evaluation software (11.2896MHz, 12MHz, or
12.288MHz).
CONNECTED
12MHz
On-board 12MHz oscillator
*Default position.
SWITCH
ACTUATOR
POSITION
DESCRIPTION
I2C
DISCONNECT
Disconnects the I2C interface from the J1 connector
CONNECT*
Connects the I2C interface to the J1 connector
I2S
DISCONNECT
Disconnects the I2S interface from the J1 connector
CONNECT*
Connects the I2S interface to the J1 connector
MCLK
DISCONNECT
Disconnects the MCLK clock output from the J1 connector
CONNECT*
Connects the MCLK clock output to the J1 connector
MSEL
SEL*
Master clock output connected to one of the three on-board clocks
(11.2896MHz, 12MHz, 12.288MHz).
12MHz
Master clock output connected to the on-board 12MHz oscillator
SW1
DEMO
Interface board evaluated in demonstration mode
EVAL*
Interface board evaluated in evaluation mode
HEADER
SHUNT
POSITION
DESCRIPTION
DVDD
+1.2V
Provides +1.2V to the digital logic rail on the J1 connector (pin 13)
+1.8V*
Provides +1.8V to the digital logic rail on the J1 connector (pin 13)
+3.3V
Provides +3.3V to the digital logic rail on the J1 connector (pin 13)
GND
Grounds the digital logic rail on the J1 connector (pin 13)
VIO
+1.8V*
Provides +1.8V to the I/O logic rail on the J1 connector (pin 15)
+3.3V
Provides +3.3V to the I/O logic rail on the J1 connector (pin 15)
*Default position.
Table 6. Master Clock Configuration
Table 5. Switch Configuration
Table 4. Jumper Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com