Electronic Components Datasheet Search
  English  ▼

X  

ST1S40 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST1S40
Description  3 A DC step-down switching regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S40 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST1S40_V01 Datasheet HTML 3Page - STMicroelectronics ST1S40_V01 Datasheet HTML 4Page - STMicroelectronics ST1S40_V01 Datasheet HTML 5Page - STMicroelectronics ST1S40_V01 Datasheet HTML 6Page - STMicroelectronics ST1S40_V01 Datasheet HTML 7Page - STMicroelectronics ST1S40_V01 Datasheet HTML 8Page - STMicroelectronics ST1S40_V01 Datasheet HTML 9Page - STMicroelectronics ST1S40_V01 Datasheet HTML 10Page - STMicroelectronics ST1S40_V01 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
DocID17928 Rev 6
7/30
ST1S40
Functional description
30
5
Functional description
The ST1S40 device is based on a “peak current mode”, constant frequency control. The
output voltage VOUT is sensed by the feedback pin (FB) compared to an internal reference
(0.8 V) providing an error signal that, compared to the output of the current sense amplifier,
controls the ON and OFF time of the power switch.
The main internal blocks are shown in the block diagram in Figure 3. They are:
A fully integrated oscillator that provides the internal clock and the ramp for the slope
compensation avoiding sub-harmonic instability
The soft-start circuitry to limit inrush current during the startup phase
The transconductance error amplifier with integrated compensation network
The pulse width modulator and the relative logic circuitry necessary to drive the internal
power switches
The drivers for embedded P-channel and N-channel Power MOSFET switches
The high side current sensing block
The low side current sense to implement diode emulation
A voltage monitor circuitry (UVLO) that checks the input and internal voltages
A thermal shutdown block, to prevent thermal run-away.
Figure 3. Block diagram
OSC
E/A
DRIVER
DRIVER
DMD
OTP
MOSFET
CONTROL
LOGIC
REGULATOR
SHUT-DOWN
I_SENSE
COMP
COMP
OCP
REF
0.8V
SOFTSTART
Vsum
Vc
OCP
UVLO
Vdrv_p
Vdrv_n
I2V
RSENSE
VINA
VINSW
SW
GNDP
GNDA
EN
FB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com