Electronic Components Datasheet Search
  English  ▼

X  

ST1S40 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST1S40
Description  3 A DC step-down switching regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S40 Datasheet(HTML) 4 Page - STMicroelectronics

  ST1S40_V01 Datasheet HTML 1Page - STMicroelectronics ST1S40_V01 Datasheet HTML 2Page - STMicroelectronics ST1S40_V01 Datasheet HTML 3Page - STMicroelectronics ST1S40_V01 Datasheet HTML 4Page - STMicroelectronics ST1S40_V01 Datasheet HTML 5Page - STMicroelectronics ST1S40_V01 Datasheet HTML 6Page - STMicroelectronics ST1S40_V01 Datasheet HTML 7Page - STMicroelectronics ST1S40_V01 Datasheet HTML 8Page - STMicroelectronics ST1S40_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Maximum ratings
ST1S40
4/30
DocID17928 Rev 6
2
Maximum ratings
3
Thermal data
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VINSW Power input voltage
-0.3 to 20
V
VINA
Input voltage
-0.3 to 20
VEN
Enable voltage
-0.3 to VINA
VSW
Output switching voltage
-1 to VIN
-2 V to -1 V for 50 nsec
VFB
Feedback voltage
-0.3 to 2.5
IFB
FB current
-1 to +1
mA
PTOT
Power dissipation at TA < 60 °C
2.25 (HSOP-8/DFN4x4);
1.6 SO8-BW
W
TOP
Operating junction temperature range
-40 to 150
°C
Tstg
Storage temperature range
-55 to 150
°C
Table 3. Thermal data
Symbol
Parameter
Value
Unit
RthJA
Maximum thermal resistance junction-ambient(1)
1.
Package mounted on the demonstration board.
VFQFPN
40
°C/W
HSOP-8
40
SO8-BW
55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com