Electronic Components Datasheet Search
  English  ▼

X  

STB30N65DM6AG Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB30N65DM6AG
Description  Power MOSFET in a D²PAK package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB30N65DM6AG Datasheet(HTML) 1 Page - STMicroelectronics

  STB30N65DM6AG Datasheet HTML 1Page - STMicroelectronics STB30N65DM6AG Datasheet HTML 2Page - STMicroelectronics STB30N65DM6AG Datasheet HTML 3Page - STMicroelectronics STB30N65DM6AG Datasheet HTML 4Page - STMicroelectronics STB30N65DM6AG Datasheet HTML 5Page - STMicroelectronics STB30N65DM6AG Datasheet HTML 6Page - STMicroelectronics STB30N65DM6AG Datasheet HTML 7Page - STMicroelectronics STB30N65DM6AG Datasheet HTML 8Page - STMicroelectronics STB30N65DM6AG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
²
D PAK
1
3
TAB
2
D(2, TAB)
G(1)
S(3)
AM01476v1_tab
Features
Order code
VDS
RDS(on) max.
ID
STB30N65DM6AG
650 V
115 mΩ
28 A
•
AEC-Q101 qualified
•
Fast-recovery body diode
•
Lower RDS(on) per area vs previous generation
•
Low gate charge, input capacitance and resistance
•
100% avalanche tested
•
Extremely high dv/dt ruggedness
•
Zener-protected
Applications
•
Switching applications
Description
This high-voltage N-channel Power MOSFET is part of the MDmesh DM6 fast-
recovery diode series. Compared with the previous MDmesh fast generation,
DM6 combines very low recovery charge (Qrr), recovery time (trr) and excellent
improvement in RDS(on) per area with one of the most effective switching behaviors
available in the market for the most demanding high-efficiency bridge topologies and
ZVS phase-shift converters.
Product status link
STB30N65DM6AG
Product summary
Order code
STB30N65DM6AG
Marking
30N65DM6
Package
D²PAK
Packing
Tape and reel
Automotive-grade N-channel 650 V, 102 mΩ typ., 28 A MDmesh DM6
Power MOSFET in a D²PAK package
STB30N65DM6AG
Datasheet
DS13770 - Rev 1 - June 2021
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STB30N65DM6AG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB30N65M2AG STMICROELECTRONICS-STB30N65M2AG Datasheet
1Mb / 15P
Automotive-grade N-channel 650 V, 0.15 typ., 20 A MDmesh M2 Power MOSFET in a D²PAK package
18-Dec-2019
STB30N65M5 STMICROELECTRONICS-STB30N65M5 Datasheet
1Mb / 22P
N-channel 650 V, 0.125 Ω, 22 A, MDmesh™V Power MOSFET D²PAK, TO-220FP, I²PAK, TO-220, TO-247
22-Sep-2011
logo
Inchange Semiconductor ...
STB30N65M5 ISC-STB30N65M5 Datasheet
314Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STB30N65DM6AG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB12N60DM2AG STMICROELECTRONICS-STB12N60DM2AG Datasheet
422Kb / 15P
Automotive-grade N-channel 600 V, 380 m typ., 10 A MDmesh DM2 Power MOSFET in a D²PAK package
14-Apr-2021
STB30N65M2AG STMICROELECTRONICS-STB30N65M2AG Datasheet
1Mb / 15P
Automotive-grade N-channel 650 V, 0.15 typ., 20 A MDmesh M2 Power MOSFET in a D²PAK package
18-Dec-2019
STB14N80K5 STMICROELECTRONICS-STB14N80K5 Datasheet
907Kb / 16P
N-channel 800 V, 0.400 Ω typ., 12 A MDmesh™ K5 Power MOSFET in a D²PAK package
18-Feb-2016
STB30N80K5 STMICROELECTRONICS-STB30N80K5 Datasheet
940Kb / 16P
N-channel 800 V, 0.15 Ω typ., 24 A, MDmesh™ K5 Power MOSFET in a D²PAK package
06-Jul-2016
STB10LN80K5 STMICROELECTRONICS-STB10LN80K5 Datasheet
920Kb / 16P
N-channel 800 V, 0.55 Ω typ., 8 A MDmesh™ K5 Power MOSFET in a D²PAK package
08-Feb-2016
STB16N90K5 STMICROELECTRONICS-STB16N90K5 Datasheet
682Kb / 20P
N-channel 900 V, 280 mΩ typ., 15 A MDmesh K5 Power MOSFET in a D²PAK package
05-Aug-2019
STB17N80K5 STMICROELECTRONICS-STB17N80K5 Datasheet
921Kb / 15P
N-channel 800 V, 0.29 Ω typ., 14 A MDmesh™ K5 Power MOSFET in a D²PAK package
20-May-2016
STB18N60M6 STMICROELECTRONICS-STB18N60M6 Datasheet
631Kb / 16P
N-channel 600 V, 230 mΩ typ., 13 A, MDmesh M6 Power MOSFET in a D²PAK package
19-Apr-2019
STB36N60M6 STMICROELECTRONICS-STB36N60M6 Datasheet
1,000Kb / 20P
N-channel 600 V, 85 mΩ typ., 30 A MDmesh™ M6 Power MOSFET in a D²PAK package
21-Mar-2017
TN1605H-8G STMICROELECTRONICS-TN1605H-8G Datasheet
393Kb / 11P
16 A 800 V high temperature SCR thyristor in D²PAK package
05-Dec-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com