Electronic Components Datasheet Search
  English  ▼

X  

STB30N65DM6AG Datasheet(PDF) 2 Page - STMicroelectronics

Part # STB30N65DM6AG
Description  Power MOSFET in a D²PAK package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB30N65DM6AG Datasheet(HTML) 2 Page - STMicroelectronics

  STB30N65DM6AG Datasheet HTML 1Page - STMicroelectronics STB30N65DM6AG Datasheet HTML 2Page - STMicroelectronics STB30N65DM6AG Datasheet HTML 3Page - STMicroelectronics STB30N65DM6AG Datasheet HTML 4Page - STMicroelectronics STB30N65DM6AG Datasheet HTML 5Page - STMicroelectronics STB30N65DM6AG Datasheet HTML 6Page - STMicroelectronics STB30N65DM6AG Datasheet HTML 7Page - STMicroelectronics STB30N65DM6AG Datasheet HTML 8Page - STMicroelectronics STB30N65DM6AG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
1
Electrical ratings
Table 1. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VGS
Gate-source voltage
±25
V
ID
Drain current (continuous) at TC = 25 °C
28
A
ID
Drain current (continuous) at TC = 100 °C
18
A
IDM(1)
Drain current (pulsed)
112
A
PTOT
Total power dissipation at TC = 25 °C
223
W
dv/dt(2)
Peak diode recovery voltage slope
100
V/ns
di/dt(2)
Peak diode recovery current slope
1000
A/μs
dv/dt(3)
MOSFET dv/dt ruggedness
100
V/ns
TJ
Operating junction temperature range
-55 to 150
°C
Tstg
Storage temperature range
°C
1. Pulse width limited by safe operating area.
2. ISD ≤ 28 A, VDS (peak) < V(BR)DSS, VDD = 400 V.
3. VDS ≤ 520 V.
Table 2. Thermal data
Symbol
Parameter
Value
Unit
RthJC
Thermal resistance, junction-to-case
0.56
°C/W
RthJB(1)
Thermal resistance, junction-to-board
30
°C/W
1. When mounted on FR-4 board of 1 inch², 2 oz Cu.
Table 3. Avalanche characteristics
Symbol
Parameter
Value
Unit
IAR
Avalanche current, repetitive or non-repetitive (pulse width limited by TJ max)
4
A
EAS
Single pulse avalanche energy (starting TJ = 25 °C, ID = IAR, VDD = 100 V)
600
mJ
STB30N65DM6AG
Electrical ratings
DS13770 - Rev 1
page 2/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15