Electronic Components Datasheet Search
  English  ▼

X  

UM2461 Datasheet(PDF) 9 Page - STMicroelectronics

Part # UM2461
Description  SPC584B-DIS Discovery Board
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2461 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button UM2461 Datasheet HTML 5Page - STMicroelectronics UM2461 Datasheet HTML 6Page - STMicroelectronics UM2461 Datasheet HTML 7Page - STMicroelectronics UM2461 Datasheet HTML 8Page - STMicroelectronics UM2461 Datasheet HTML 9Page - STMicroelectronics UM2461 Datasheet HTML 10Page - STMicroelectronics UM2461 Datasheet HTML 11Page - STMicroelectronics UM2461 Datasheet HTML 12Page - STMicroelectronics UM2461 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
UM2461 Rev 2
9/24
UM2461
Hardware overview
22
Figure 5. E3V3 and E5V jumpers
2.2
Microcontroller power management
JP3 and JP4 set the supply voltage levels of VDD_HV_IO_MAIN and VDD_HV_ADV.
Figure 6. Microcontroller power management - Jumper setting
2.3
Integrated Programmer/Debugger
The integrated programmer/debugger allows the user to program the microcontroller and
debug the software applications; it is based on the UDE PLS software.
The debugger serial number is reported on the label applied on the board (bottom side).
The integrated debugger SW is accessible via ST's free integrated development
environment, SPC5Studio (www.st.com/spc5studio). To download the debugger software
and to activate license refer to the PLS website.
A JTAG port allows connecting further HW/SW tools to program and debug the
microcontroller(d), with an external debugger the USB cable must be disconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com