Electronic Components Datasheet Search
  English  ▼

X  

UM2461 Datasheet(PDF) 4 Page - STMicroelectronics

Part # UM2461
Description  SPC584B-DIS Discovery Board
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2461 Datasheet(HTML) 4 Page - STMicroelectronics

  UM2461 Datasheet HTML 1Page - STMicroelectronics UM2461 Datasheet HTML 2Page - STMicroelectronics UM2461 Datasheet HTML 3Page - STMicroelectronics UM2461 Datasheet HTML 4Page - STMicroelectronics UM2461 Datasheet HTML 5Page - STMicroelectronics UM2461 Datasheet HTML 6Page - STMicroelectronics UM2461 Datasheet HTML 7Page - STMicroelectronics UM2461 Datasheet HTML 8Page - STMicroelectronics UM2461 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
List of figures
UM2461
4/24
UM2461 Rev 2
List of figures
Figure 1.
SPC584B-DIS. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
Figure 2.
USB Port - 5 V input . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 3.
+5 V regulator (external PSU) and 5 V selector (SB17-SB27) . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 4.
+3.3 V voltage regulator and +3.3 V selector (SB26) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 5.
E3V3 and E5V jumpers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 6.
Microcontroller power management - Jumper setting. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 7.
PLS Integrated Programmer/Debugger (part I) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 8.
PLS Integrated Programmer/Debugger (part II - Level shifters and EEPROM) . . . . . . . . . 11
Figure 9.
PLS Integrated Programmer/Debugger (part III - Jumper configuration) . . . . . . . . . . . . . . 11
Figure 10.
Crystal oscillator (default configuration) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 11.
Reset circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 12.
User LEDs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 13.
User Push-Button . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 14.
PCB Layout - Top Side . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 15.
PCB Layout - Bottom Side . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com