Electronic Components Datasheet Search
  English  ▼

X  

MAX77813 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX77813
Description  5.5V Input, 2A, High-Efficiency Buck-Boost Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77813 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX77813 Datasheet HTML 1Page - Maxim Integrated Products MAX77813 Datasheet HTML 2Page - Maxim Integrated Products MAX77813 Datasheet HTML 3Page - Maxim Integrated Products MAX77813 Datasheet HTML 4Page - Maxim Integrated Products MAX77813 Datasheet HTML 5Page - Maxim Integrated Products MAX77813 Datasheet HTML 6Page - Maxim Integrated Products MAX77813 Datasheet HTML 7Page - Maxim Integrated Products MAX77813 Datasheet HTML 8Page - Maxim Integrated Products MAX77813 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
General Description
The MAX77813 is a high-efficiency step-up/step-down
(buck-boost) converter targeted for single-cell Li+/Li-ion
battery powered applications. The device maintains a
regulated output voltage from 2.6V to 5.14V across an
input voltage range of 2.3V to 5.5V. The device supports
up to 2A of output current in boost mode and up to 3A in
buck mode.
The device seamlessly transitions between buck and
boost modes. A unique control algorithm allows high-
efficiency, outstanding load, and line transient response.
Dedicated enable and power-OK pins allow simple hard-
ware control. An I2C serial interface is optionally used for
dynamic voltage scaling, system power optimization, and
fault read-back. The device supports two inductor current
limit options selected by the ILIM pin.
The MAX77813 is available in a 20-bump, 1.83mm x
2.13mm wafer-level package (WLP).
Applications
● Single-Cell Li+/Li-ion Battery Powered Devices
● Handheld Scanners, Mobile Payment Terminals,
Security Cameras
● AR/VR Headsets
Features and Benefits
● VIN Range: 2.30V to 5.5V
● VOUT Range: 2.60V to 5.14V
(I2C Programmable in 20mV Steps)
● Up to 2A Output Current in Boost Mode
(VIN = 3.0V, VOUT = 3.4V, ILIM = High)
● Up to 3A Output Current in Buck Mode (ILIM = High)
● Up to 97% Peak Efficiency
● SKIP Mode for Optimal Light Load Efficiency
● 55µA (Typ) Low Quiescent Current
● 3.4MHz High Speed I2C Serial Interface
● Input Current Limit Selection Pin
● Power-OK Output
● 2.5MHz Switching Frequency
● Protection Features
• Soft-Start
• Thermal Shutdown
• Overvoltage Protection
• Overcurrent Protection
● 1.827mm x 2.127mm, 20-Bump WLP
Ordering Information appears at end of data sheet.
19-8238; Rev 2; 3/19
MAX77813
5.5V Input, 2A, High-Efficiency
Buck-Boost Converter
Typical Application Circuit
1μH
10μF
LX1
VSYS
SDA
LX2
IN
OUT
OUTS
SCL
PGND
VIO
ENABLE
EN
1μF
DC INPUT
2.3V TO 5.5V
POWER-OK
47μF
POK
ILIM
SERIAL
HOST
MAX77813
CURRENT LIMIT
SELECT
VOUT
2.6V TO 5.14V
2A (BOOST MODE)
3A (BUCK MODE)
HIGH-EFFICIENCY BUCK-BOOST CONVERTER
WITH OPTIONAL I2C CONTROL IN TINY 20-BUMP WLP
500mV/div
20mV/div
100µs/div
BOOST TO BUCK
LINE TRANSIENT RESPONSE
VIN
IOUT = 1.5A
VOUT= 3.3V
BOOST
MODE
BOOST
MODE
BUCK MODE
VOUT
3.4V
2.9V
Click
here for production status of specific part numbers.


Similar Part No. - MAX77813

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX77813 MAXIM-MAX77813 Datasheet
1Mb / 8P
Accessible Test Points for EN, POK, and ILIM
Rev 0; 12/18
MAX77813EVKIT MAXIM-MAX77813EVKIT Datasheet
1Mb / 8P
Accessible Test Points for EN, POK, and ILIM
Rev 0; 12/18
More results

Similar Description - MAX77813

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS63060 TI1-TPS63060 Datasheet
1Mb / 31P
HIGH INPUT VOLTAGE BUCK-BOOST CONVERTER WITH 2A SWITCH CURRENT
logo
SHANGHAI BELLING CO., L...
BL8526 BELLING-BL8526 Datasheet
562Kb / 6P
2A 1.4M 5.5V Synchronous Buck Converter
logo
List of Unclassifed Man...
ZSPM4012B ETC2-ZSPM4012B Datasheet
1Mb / 23P
High Efficiency 2A Synchronous Buck Converter
logo
Texas Instruments
TPS63060-EP TI-TPS63060-EP_15 Datasheet
1Mb / 29P
HIGH INPUT VOLTAGE BUCK-BOOST CONVERTER WITH 2A SWITCH CURRENT
TPS63060-EP TI1-TPS63060-EP_16 Datasheet
1Mb / 29P
HIGH INPUT VOLTAGE BUCK-BOOST CONVERTER WITH 2A SWITCH CURRENT
logo
Integrated Device Techn...
ZSPM4012B IDT-ZSPM4012B Datasheet
658Kb / 21P
High Efficiency 2A Synchronous Buck Converter
logo
Maxim Integrated Produc...
MAX77801 MAXIM-MAX77801_V01 Datasheet
1Mb / 31P
5.5V Input, 2A, High-Efficiency Buck-Boost Converter
2019
logo
Renesas Technology Corp
ZSPM4012 RENESAS-ZSPM4012 Datasheet
694Kb / 21P
High Efficiency 2A Synchronous Buck Converter
April 15, 2016
ZSPM4012B RENESAS-ZSPM4012B Datasheet
832Kb / 22P
High Efficiency 2A Synchronous Buck Converter
January 27, 2016
logo
Analog Devices
MAX77847 AD-MAX77847 Datasheet
2Mb / 37P
5.5V Input, 4.5A Switching Current High Efficiency Buck-Boost Converter
19-101705; Rev 0; 9/23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com