Electronic Components Datasheet Search
  English  ▼

X  

MAX77813 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX77813
Description  5.5V Input, 2A, High-Efficiency Buck-Boost Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77813 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX77813 Datasheet HTML 1Page - Maxim Integrated Products MAX77813 Datasheet HTML 2Page - Maxim Integrated Products MAX77813 Datasheet HTML 3Page - Maxim Integrated Products MAX77813 Datasheet HTML 4Page - Maxim Integrated Products MAX77813 Datasheet HTML 5Page - Maxim Integrated Products MAX77813 Datasheet HTML 6Page - Maxim Integrated Products MAX77813 Datasheet HTML 7Page - Maxim Integrated Products MAX77813 Datasheet HTML 8Page - Maxim Integrated Products MAX77813 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
(VSYS = VIN = +3.8V, VOUTS = VOUT = +3.3V, TJ = -40°C to +125°C, typical values are at TA ≈ TJ = +25°C, unless otherwise noted.)
(Note 4)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
GENERAL
Input Voltage Range
VIN
2.30
5.50
V
Shutdown Supply Current
ISHDN_25C
EN = low, TJ = +25°C
0.1
µA
ISHDN_125C
EN = low, TJ = +125°C
1
Input Supply Current
IQ_SKIP
SKIP mode, no switching,
TJ = -40° to +85°C
55
70
µA
IQ_PWM
FPWM mode, no load
6
mA
Active Discharge Resistance
RDISCHG
100
Ω
Thermal Shutdown Threshold
TSHDN
Rising, +20°C hysteresis
+165
°C
H-BRIDGE
Output Voltage Range
VOUT
I2C programmable (20mV Step)
2.60
5.14
V
Output Voltage Accuracy
VOUT_ACC1
FPWM mode, VOUT[6:0] = 0x28, no load,
TJ = +25°C
-1.0
+1.0
%
VOUT_ACC2
SKIP mode, VOUT[6:0] = 0x28,
no load, TJ = +25°C
-1.0
+4.5
Line Regulation
VIN = 2.63V to 5.5V
0.200
%/V
Load Regulation
(Note 5)
0.125
%/A
Line Transient Response
VOS1
VUS1
IOUT = 1.0A, VIN changes from 3.4V to
2.9V in 25µs (20mV/µs),
L = 1µH, COUT_NOM = 47µF (Note 5)
50
mV
Load Transient Response
VOS2
VUS2
VIN = 3.4V, IOUT changes from 10mA to
1.5A in 15µs, L = 1µH, COUT_NOM = 47µF
(Note 5)
50
mV
Output Voltage Ramp-Up
Slew Rate
BB_RU_SR = 0
20
mV/µs
BB_RU_SR = 1
40
Output Voltage Ramp-Down
Slew Rate
BB_RD_SR = 0
5
mV/µs
BB_RD_SR = 1
10
Typical Condition Efficiency
ηTYP
IOUT = 100mA (Note 5)
95
%
Peak Efficiency
ηPK
(Note 5)
97
%
LX1/2 Current Limit
ILIM_LX
ILIM = high
3.70
4.50
5.70
A
ILIM = low
1.2
1.80
2.65
High-Side PMOS ON
Resistance
RDSON(PMOS) ILX = 100mA per switch
40
mΩ
Low-Side NMOS ON
Resistance
RDSON(NMOS) ILX = 100mA per switch
55
mΩ
Switching Frequency
fSW
PWM mode, TJ = +25°C
2.25
2.50
2.75
MHz
MAX77813
5.5V Input, 2A, High-Efficiency
Buck-Boost Converter
www.maximintegrated.com
Maxim Integrated │ 3
Buck-Boost Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com