Electronic Components Datasheet Search
  English  ▼

X  

1741908 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1741908
Description  Printed-circuit board connector - MC 1,5/12-ST-3,5 BK3CN3,8,11
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1741908 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1741908 Datasheet HTML 1Page - PHOENIX CONTACT 1741908 Datasheet HTML 2Page - PHOENIX CONTACT 1741908 Datasheet HTML 3Page - PHOENIX CONTACT 1741908 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
https://www.phoenixcontact.com/pi/products/1741908
11/04/2018   Page 3 / 4
Printed-circuit board connector - MC 1,5/12-ST-3,5 BK
3CN3,8,11 - 1741908
Approvals
Approvals
CSA / IECEE CB Scheme / VDE Gutachten mit Fertigungsüberwachung / EAC / cULus Recognized
Ex Approvals
Approval details
CSA 
 http://www.csagroup.org/services-industries/product-listing/
 13631
 
D
B
Nominal voltage UN
300 V
300 V
Nominal current IN
8 A
8 A
mm²/AWG/kcmil
28-16
28-16
IECEE CB Scheme 
 http://www.iecee.org/
 DE1-60987-B1B2
 
 
Nominal voltage UN
160 V
Nominal current IN
8 A
mm²/AWG/kcmil
0.2-1.5
VDE Gutachten mit
Fertigungsüberwachung 
 http://www2.vde.com/de/Institut/Online-Service/
VDE-gepruefteProdukte/Seiten/Online-Suche.aspx
 40011723
 
 
Nominal voltage UN
160 V
Nominal current IN
8 A
mm²/AWG/kcmil
0.2-1.5
EAC 
 
 B.01742



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com