Electronic Components Datasheet Search
  English  ▼

X  

1741908 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1741908
Description  Printed-circuit board connector - MC 1,5/12-ST-3,5 BK3CN3,8,11
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1741908 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1741908 Datasheet HTML 1Page - PHOENIX CONTACT 1741908 Datasheet HTML 2Page - PHOENIX CONTACT 1741908 Datasheet HTML 3Page - PHOENIX CONTACT 1741908 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/pi/products/1741908
11/04/2018   Page 1 / 4
Printed-circuit board connector - MC 1,5/12-ST-3,5 BK
3CN3,8,11 - 1741908
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
PCB connector, nominal current: 8 A, number of positions: 12, pitch: 3.5 mm, connection method: Screw
connection with tension sleeve, color: black, contact surface: Tin
The figure shows a 10-position
version of the product
Your advantages
 Well-known connection principle allows worldwide use
 Low temperature rise, thanks to maximum contact force
 Allows connection of two conductors
Key Commercial Data
Packing unit
50 pc
GTIN
GTIN
4046356293990
Technical data
Dimensions
Length [ l ]
16.1 mm
Width [ w ]
42 mm
Height [ h ]
11.1 mm
Pitch
3.5 mm
Dimension a
38.5 mm
General
Range of articles
MC 1,5/..-ST
Number of positions
12
Connection method
Screw connection with tension sleeve
Rated voltage (III/3)
160 V


Similar Part No. - 1741908

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1741900000 WEIDMULLER-1741900000 Datasheet
93Kb / 5P
BLZ 5.08/3/225 SN OR
1741900000 WEIDMULLER-1741900000 Datasheet
93Kb / 5P
BLZ 5.08/4/225 SN SW
1741900000 WEIDMULLER-1741900000 Datasheet
93Kb / 5P
BLZ 5.08/5/225 SN OR
1741900000 WEIDMULLER-1741900000 Datasheet
93Kb / 5P
BLZ 5.08/5/225 SN SW
1741900000 WEIDMULLER-1741900000 Datasheet
93Kb / 5P
BLZ 5.08/6/225 SN OR
More results

Similar Description - 1741908

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1768910 PHOENIX-1768910 Datasheet
106Kb / 5P
Printed-circuit board connector - MC 1,5/12-STZ4-3,5
1840476 PHOENIX-1840476 Datasheet
88Kb / 6P
Printed-circuit board connector - MC 1,5/13-ST-3,5
1840502 PHOENIX-1840502 Datasheet
93Kb / 6P
Printed-circuit board connector - MC 1,5/16-ST-3,5
1840528 PHOENIX-1840528 Datasheet
84Kb / 5P
Printed-circuit board connector - MC 1,5/18-ST-3,5
1840544 PHOENIX-1840544 Datasheet
85Kb / 5P
Printed-circuit board connector - MC 1,5/20-ST-3,5
1847220 PHOENIX-1847220 Datasheet
99Kb / 8P
Printed-circuit board connector - MC 1,5/12-STF-3,5
1738720 PHOENIX-1738720 Datasheet
70Kb / 5P
Printed-circuit board connector - MC 1,5/12-ST-3,5 AU
1816933 PHOENIX-1816933 Datasheet
126Kb / 9P
Printed-circuit board connector - MC 1,5/10-ST-3,5-LR
1860278 PHOENIX-1860278 Datasheet
99Kb / 5P
Printed-circuit board connector - MC 1,5/10-ST-3,5 AU
1876372 PHOENIX-1876372 Datasheet
59Kb / 4P
Printed-circuit board connector - MC 1,5/12-ST-3,5 BKBD:NZ363157
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com