Electronic Components Datasheet Search
  English  ▼

X  

EVAL-L9907 Datasheet(PDF) 1 Page - STMicroelectronics

Part # EVAL-L9907
Description  EVAL-L9907 Evaluation Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVAL-L9907 Datasheet(HTML) 1 Page - STMicroelectronics

  EVAL-L9907 Datasheet HTML 1Page - STMicroelectronics EVAL-L9907 Datasheet HTML 2Page - STMicroelectronics EVAL-L9907 Datasheet HTML 3Page - STMicroelectronics EVAL-L9907 Datasheet HTML 4Page - STMicroelectronics EVAL-L9907 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
•
Supply voltage range (VBatt): 6 V÷54 V
•
Load Current Capability up to 20 A
•
Device control and diagnostic via SPI
•
Flexible shunt configuration (Phase U+PhaseV or PhaseU+Total Phase)
•
4 LEDs for monitoring VBatt, Vcc, EN1 and EN2 signal
•
Input signal connector compatible with SPC56 Discovery boards. A different
microcontroller board can be connected by a simple adaptor or wire
•
Total accessibility to all pins by test points
•
Modular PCBs design to easily change the external Power MOS both SMD and
throughhole Power MOS
•
Possibility to connect external USB adapter for the SPI communication
•
Possibility to use external Boost components by removing jumpers
Description
The EVAL-L9907 is designed to provide the user with a platform for the evaluation of
the L9907 device. The Board provides all the main input/output capabilities
necessary to drive a BLCD motor and provide also diagnostic functionalities. L9907
is fully integrated 3-phase pre-driver with integrated booster capable to drive all kind
of Power MOS transistors in 3-phase BLDC motor applications up to 54 V. The
integrated boost regulator provides sufficient gate charge to driver Power MOS down
to 6 V. The circuit is suitable to operate in environments with high supply voltage
such as double battery in 48V systems.L9907 is able to control independently the six
pre-driver channels to implement all kind of electric motor control strategies, with the
possibility to select among 4 gate output current levels while the application is
running. All output channels are protected against short circuit.L9907 is equipped
with 2 current sense amplifiers. The gain and output offset voltage of each current
sense amplifier can be configured by SPI to allow max flexibility for phase or ground
current sense strategy. L9907 is protected against over-temperature and shoot
through events.The EVAL-L9907 can be plugged directly to SPC560P-DISP
Discovery+ board and using the L9907 demonstration software it is possible to
implement a 3 Phase Brush-less Motors control.
Product status link
EVAL-L9907
Order code
References
EVAL-L9907
L9907 Evaluation board
EVAL-L9907 Evaluation Board
EVAL-L9907
DB2381 - Rev 4 - April 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - EVAL-L9907

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVAL-L9963-MCU STMICROELECTRONICS-EVAL-L9963-MCU Datasheet
4Mb / 13P
L9963 BMS IC Evaluation Board
Rev 1 - March 2020
EVAL-L9963-NDS STMICROELECTRONICS-EVAL-L9963-NDS Datasheet
2Mb / 12P
L9963 single Node in a Distributed BMS System
Rev 1 - April 2020
EVAL-L9963E-MCU STMICROELECTRONICS-EVAL-L9963E-MCU Datasheet
1Mb / 13P
L9963E BMS IC evaluation board
Rev 1 - March 2021
EVAL-L9963E-NDS STMICROELECTRONICS-EVAL-L9963E-NDS Datasheet
2Mb / 14P
L9963E single node in a distributed BMS System
Rev 1 - March 2021
More results

Similar Description - EVAL-L9907

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8L101-EVAL STMICROELECTRONICS-STM8L101-EVAL Datasheet
152Kb / 4P
STM8L101-EVAL evaluation board
02-Aug-2010
STM32L152-EVAL STMICROELECTRONICS-STM32L152-EVAL Datasheet
100Kb / 3P
STM32L152-EVAL evaluation board
07-Jan-2010
STM3210B-EVAL STMICROELECTRONICS-STM3210B-EVAL Datasheet
192Kb / 3P
STM3210B-EVAL evaluation board
09-Aug-2010
STM3220G-EVAL STMICROELECTRONICS-STM3220G-EVAL Datasheet
233Kb / 3P
STM3220G-EVAL evaluation board
24-Mar-2011
STM3240G-EVAL STMICROELECTRONICS-STM3240G-EVAL Datasheet
186Kb / 3P
STM3240G-EVAL evaluation board
15-Sep-2011
STM32100B-EVAL STMICROELECTRONICS-STM32100B-EVAL Datasheet
130Kb / 3P
STM32100B-EVAL evaluation board
09-Aug-2010
STM320518-EVAL STMICROELECTRONICS-STM320518-EVAL Datasheet
95Kb / 3P
STM320518-EVAL evaluation board
23-Apr-2012
STR750-EVAL STMICROELECTRONICS-STR750-EVAL Datasheet
136Kb / 4P
STR750-EVAL evaluation board
25-Oct-2010
UM0629 STMICROELECTRONICS-UM0629 Datasheet
872Kb / 26P
STM8L101-EVAL evaluation board
06-Nov-2009
UM1018 STMICROELECTRONICS-UM1018 Datasheet
1Mb / 42P
STM32L152-EVAL evaluation board
14-Nov-2011
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com