Electronic Components Datasheet Search
  English  ▼

X  

EVAL-L9907 Datasheet(PDF) 2 Page - STMicroelectronics

Part # EVAL-L9907
Description  EVAL-L9907 Evaluation Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVAL-L9907 Datasheet(HTML) 2 Page - STMicroelectronics

  EVAL-L9907 Datasheet HTML 1Page - STMicroelectronics EVAL-L9907 Datasheet HTML 2Page - STMicroelectronics EVAL-L9907 Datasheet HTML 3Page - STMicroelectronics EVAL-L9907 Datasheet HTML 4Page - STMicroelectronics EVAL-L9907 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1
System requirements, HW and SW resources
1.1
System requirements
•
Power Supply: 6 V ÷ 54 V; up to 20 A
•
SPC560P-DISP discovery board or microcontroller board able to offer SPI signals, manage 2 EN and 6
PWM signals, 2 ADC inputs for current sensing and +5 V or 3,3 V (Vcc)
1.2
Development tool chain
•
Graphic User Interface: Labview
•
Software development environment (in connection with SPC5 MCUs): SPC5Studio
•
Hardware set-up:
–
Board stand alone Figure 1
–
PC Graphic User Interface -SPC560P-DISP (dedicated Firmware) - EVAL-L9907 Figure 2
–
Any SPC56 Discovery + Application Examples (within SPC5 Studio) + EVAL-L9907 Figure 3
Figure 1. EVAL-L9907 evaluation board
EVAL-L9907
System requirements, HW and SW resources
DB2381 - Rev 4
page 2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com