Electronic Components Datasheet Search
  English  ▼

X  

MIC2033 Datasheet(PDF) 25 Page - Microchip Technology

Part # MIC2033
Description  High-Accuracy, High-Side, Fixed Current-Limit Power Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2033 Datasheet(HTML) 25 Page - Microchip Technology

Back Button MIC2033 Datasheet HTML 20Page - Microchip Technology MIC2033 Datasheet HTML 21Page - Microchip Technology MIC2033 Datasheet HTML 22Page - Microchip Technology MIC2033 Datasheet HTML 23Page - Microchip Technology MIC2033 Datasheet HTML 24Page - Microchip Technology MIC2033 Datasheet HTML 25Page - Microchip Technology MIC2033 Datasheet HTML 26Page - Microchip Technology MIC2033 Datasheet HTML 27Page - Microchip Technology MIC2033 Datasheet HTML 28Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
2018 - 2022 Microchip Technology Inc. and its subsidiaries.
DS20005539C-page 25
MIC2033
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
Examples:
a)
MIC2033-05AYM6-T5: High-Accuracy, High-Side,
Fixed Current-Limit Power
Switch, 0.5A Current Limit,
Active-High Enable, –40°C
to +125°C Temp. Range,
SOT-23-6L Package, 500/
Reel
b)
MIC2033-55AYMT-TR: High-Accuracy, High-Side,
Fixed Current-Limit Power
Switch, 0.55A Current Limit
Active-High Enable, –40°C
to +125°C Temp. Range,
6-Pin 2 mm x 2 mm UDFN
Package, 5,000/Reel
c)
MIC2033-08BYM6-TR: High-Accuracy, High-Side,
Fixed Current-Limit Power
Switch, 0.8A Current Limit,
Active-Low Enable, –40°C
to +125°C Temp. Range,
SOT-23-6L
Package,
3,000/Reel
d)
MIC2033-10BYMT-T5: High-Accuracy, High-Side,
Fixed Current-Limit Power
Switch, 1.0A Current Limit
Active-Low Enable, –40°C
to +125°C Temp. Range,
6-Pin 2 mm x 2 mm UDFN
Package, 500/Reel
e)
MIC2033-12AYM6-T5: High-Accuracy, High-Side,
Fixed Current-Limit Power
Switch, 1.2A Current Limit,
Active-High Enable, –40°C
to +125°C Temp. Range,
SOT-23-6L Package, 500/
Reel
f)
MIC2033-12BYMT-TR: High-Accuracy, High-Side,
Fixed Current-Limit Power
Switch, 1.2A Current Limit
Active-Low Enable, –40°C
to +125°C Temp. Range,
6-Pin 2 mm x 2 mm UDFN
Package, 5,000/Reel
PART NO.
XX
Package
Device
Device:
MIC2033:
High-Accuracy, High-Side, Fixed Current-
Limit Power Switch
Current Limit:
05
=
0.5A
55
=
0.55A
08
=
0.8A
10
=
1.0A
12
=
1.2A
Enable:
A
=
Active-High
B
=
Active-Low
Temperature:
Y
=
–40°C to +125°C
Package:
M6 =
SOT-23-6L
MT =
6-Lead 2 mm x 2 mm UDFN (Note 1)
Media Type:
T5 =
500/Reel
TR =
3,000/Reel (M6 only)
TR =
5,000/Reel (MT only)
XX
Current
–
Limit
X
Enable
X
Temperature
Note 1: UDFN is a GREEN RoHS-compliant package. Lead finish is
NiPdAu. Mold compound is Halogen Free.
XX
Media
–
Type
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identifier is
used for ordering purposes and is not printed on
the device package. Check with your Microchip
Sales Office for package availability with the
Tape and Reel option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com