Electronic Components Datasheet Search
  English  ▼

X  

MIC2033 Datasheet(PDF) 5 Page - Microchip Technology

Part # MIC2033
Description  High-Accuracy, High-Side, Fixed Current-Limit Power Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2033 Datasheet(HTML) 5 Page - Microchip Technology

  MIC2033 Datasheet HTML 1Page - Microchip Technology MIC2033 Datasheet HTML 2Page - Microchip Technology MIC2033 Datasheet HTML 3Page - Microchip Technology MIC2033 Datasheet HTML 4Page - Microchip Technology MIC2033 Datasheet HTML 5Page - Microchip Technology MIC2033 Datasheet HTML 6Page - Microchip Technology MIC2033 Datasheet HTML 7Page - Microchip Technology MIC2033 Datasheet HTML 8Page - Microchip Technology MIC2033 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
2018 - 2022 Microchip Technology Inc. and its subsidiaries.
DS20005539C-page 5
MIC2033
IFLAG_OFF
Fault Flag Off Current
—
—
10
µA
VFLAG = VIN
RFAULT/
FAULT/ Output Resistance
—
—
25
Ω
IOUT = 10 mA
IFAULT/_OFF
FAULT/ Off Current
—
—
10
µA
VFAULT/ = VIN
ICSLEW
CSLEW Input Current (Note 2)
—
0.6
—
µA
VCSLEW = VIN
Thermal Protection
TTSD
Thermal Shutdown
Temperature
—
157
—
°C
TJ rising
TTSDHYS
Thermal Shutdown Hysteresis
—
15
—
°C
—
Timing Specifications (AC Parameters)
tRISE
Output Turn-on Rise Time
(Note 2)
—
700
—
µs
RLOAD = 10Ω; COUT = 1 µF
tFALL
Output Turn-off Fall Time
(Note 2)
—
32
—
µs
VEN = OFF; RLOAD = 10Ω;
COUT = 1 µF
tON_DLY
Output Turn-on Delay (Note 2)
—
700
—
µs
RLOAD = 10Ω; COUT = 1 µF
tOFF_DLY
Output Turn-off Delay (Note 2)
—
5
—
µs
RLOAD = 10Ω; COUT = 1 µF
tSC_RESP
Short Circuit Response Time
(Note 2, Note 3)
—
10
—
ms
VOUT = 0V (short-circuit);
CCSLEW = 0.1 µF
tSC_RESP
Short Circuit Response Time
(Note 2)
—
10
—
µs
VOUT = 0V (short-circuit);
CCSLEW = OPEN
tFAULT/
Overcurrent Fault Response
Delay Time (Note 2, Note 4)
16
32
49
ms
—
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Characteristics: VIN = VEN = 5V, CIN = 1 µF, CCSLEW = OPEN, COUT = 1 µF; TJ = +25°C, unless noted.
Bold values indicate –40°C ≤ TJ ≤ +125°C. (Note 1).
Symbol
Parameters
Min.
Typ.
Max.
Units
Conditions
Note 1: Specification for packaged product only.
2: See Timing Diagrams.
3: CCSLEW values above 0.1 µF are not recommended.
4: For dynamic current loads faster than typically 30 mA/ms. Slower current loads will delay the deactivation
of VOUT and the current limitation, allowing FAULT/ to be asserted before these.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com