Electronic Components Datasheet Search
  English  ▼

X  

SPC58ECX Datasheet(PDF) 61 Page - STMicroelectronics

Part # SPC58ECX
Description  SPC58 C Line - 32 bit Power Architecture automotive MCU Dual z4 cores 180 MHz, 4 MBytes Flash, HSM, ASIL-B
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58ECX Datasheet(HTML) 61 Page - STMicroelectronics

Back Button SPC58ECX Datasheet HTML 57Page - STMicroelectronics SPC58ECX Datasheet HTML 58Page - STMicroelectronics SPC58ECX Datasheet HTML 59Page - STMicroelectronics SPC58ECX Datasheet HTML 60Page - STMicroelectronics SPC58ECX Datasheet HTML 61Page - STMicroelectronics SPC58ECX Datasheet HTML 62Page - STMicroelectronics SPC58ECX Datasheet HTML 63Page - STMicroelectronics SPC58ECX Datasheet HTML 64Page - STMicroelectronics SPC58ECX Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 153 page
background image
DS11620 Rev 8
61/153
SPC584Cx, SPC58ECx
Electrical characteristics
62
Figure 12. LVDS pad external load diagram
4.14.3
LFAST PLL electrical characteristics
The following table contains the electrical characteristics for the LFAST PLL.
1pF
1pF
2.5pF
2.5pF
CL
CL
100 Ω
terminator
Die
Package
PCB
GPIO Driver
LVDS Driver
GPIO Driver
Table 32. LFAST PLL electrical characteristics
Symbol(1)
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
fRF_REF
SR D PLL reference clock frequency (CLKIN)
10(2)
—30
MHz
ERRREF CC D
PLL reference clock frequency error
-1
1
%
DCREF
CC D PLL reference clock duty cycle (CLKIN)
30
70
%
PN
CC D
Integrated phase noise (single side
band)
fRF_REF = 20 MHz
-58
dBc
fVCO
CC P
PLL VCO frequency
312
320(3) MHz
tLOCK
CC D
PLL phase lock
150(4)
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com