Electronic Components Datasheet Search
  English  ▼

X  

MIC4826 Datasheet(PDF) 1 Page - Microchip Technology

Part # MIC4826
Description  Low Input Voltage, 160 VPP Output Voltage, EL Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4826 Datasheet(HTML) 1 Page - Microchip Technology

  MIC4826 Datasheet HTML 1Page - Microchip Technology MIC4826 Datasheet HTML 2Page - Microchip Technology MIC4826 Datasheet HTML 3Page - Microchip Technology MIC4826 Datasheet HTML 4Page - Microchip Technology MIC4826 Datasheet HTML 5Page - Microchip Technology MIC4826 Datasheet HTML 6Page - Microchip Technology MIC4826 Datasheet HTML 7Page - Microchip Technology MIC4826 Datasheet HTML 8Page - Microchip Technology MIC4826 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
2019 -2022 Microchip Technology Inc.
DS20006134B-page 1
MIC4826
Features
• 1.8V to 5.5V DC Input Voltage
• 160 VPP Regulated AC Output Waveform
• Independently Adjustable EL Lamp Frequency
• Independently Adjustable Boost Converter
Frequency
• 0.1 µA Shutdown Current
Applications
• LCD Panel Backlight
• Cellular Phones
• PDAs
• Pagers
• Calculators
• Remote Controls
• Portable Phones
General Description
The MIC4826 is a high output voltage, DC to AC
converter, designed for driving Electroluminescent (EL)
lamps. The device operates from an input voltage
range of 1.8V to 5.5V, making it suitable for 1-cell Li Ion
and 2- or 3-cell alkaline, NiCad, and NiMH battery
applications. The MIC4826 converts a low voltage DC
input to a 160 VPP AC output signal that drives the EL
lamp.
The MIC4826 has two stages: a boost stage, and an
H-bridge lamp driver stage. The boost stage steps the
input voltage up to +80V. The H-bridge stage then
alternately switches the +80V output to each terminal
of the EL lamp, thus creating a 160 VPP AC signal to
drive the EL lamp and generate light.
The MIC4826 features separate oscillators for the
boost and H-bridge stages. External resistors
independently set the operating frequency of each
stage. This flexibility allows the EL lamp circuit to be
optimized for maximum efficiency and brightness.
The MIC4826 uses a single inductor and a minimum
number of external components, making it ideal for
portable, space-sensitive applications.
The MIC4826 is available in an 8-lead MSOP package
with an ambient temperature range of –40°C to +85°C.
Package Type
MIC4826
8-Pin MSOP (MM)
1
VDD
RSW
REL
GND
8VA
VB
CS
SW
7
6
5
2
3
4
Low Input Voltage, 160 VPP Output Voltage, EL Driver


Similar Part No. - MIC4826

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4826 MICREL-MIC4826 Datasheet
123Kb / 12P
Low Input Voltage, 160VPP Output Voltage, EL Driver
MIC4826 MICREL-MIC4826 Datasheet
640Kb / 12P
Low Input Voltage, 160VPP Output Voltage, EL Driver
MIC4826BMM MICREL-MIC4826BMM Datasheet
123Kb / 12P
Low Input Voltage, 160VPP Output Voltage, EL Driver
MIC4826BMM MICREL-MIC4826BMM Datasheet
640Kb / 12P
Low Input Voltage, 160VPP Output Voltage, EL Driver
MIC4826YMM MICREL-MIC4826YMM Datasheet
123Kb / 12P
Low Input Voltage, 160VPP Output Voltage, EL Driver
More results

Similar Description - MIC4826

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV825 SUTEX-HV825 Datasheet
327Kb / 4P
High Voltage EL Lamp Driver
logo
IMP, Inc
IMP528 IMP-IMP528 Datasheet
134Kb / 6P
HIGH-VOLTAGE EL LAMP DRIVER
logo
Micrel Semiconductor
MIC4826 MICREL-MIC4826 Datasheet
123Kb / 12P
Low Input Voltage, 160VPP Output Voltage, EL Driver
MIC4827 MICREL-MIC4827 Datasheet
142Kb / 13P
Low Input Voltage, 180VPP Output Voltage, EL Driver
logo
Supertex, Inc
HV8051 SUTEX-HV8051 Datasheet
53Kb / 4P
High-Voltage EL Lamp Driver
logo
Micrel Semiconductor
MIC4827 MICREL-MIC4827_05 Datasheet
589Kb / 13P
Low Input Voltage, 180VPP Output Voltage, EL Driver
MIC4833 MICREL-MIC4833 Datasheet
1Mb / 12P
Low Noise Dual 220 VPP EL Driver With Output Voltage Slew Rate Control
MIC4834 MICREL-MIC4834 Datasheet
799Kb / 12P
Low Noise Dual 220 VPP EL Driver
MIC4827 MICREL-MIC4827_09 Datasheet
402Kb / 15P
Low Input Voltage, 180VPP Output Voltage, EL Driver
MIC4826 MICREL-MIC4826_09 Datasheet
640Kb / 12P
Low Input Voltage, 160VPP Output Voltage, EL Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com