Electronic Components Datasheet Search
  English  ▼

X  

MIC4826 Datasheet(PDF) 10 Page - Microchip Technology

Part # MIC4826
Description  Low Input Voltage, 160 VPP Output Voltage, EL Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4826 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MIC4826 Datasheet HTML 6Page - Microchip Technology MIC4826 Datasheet HTML 7Page - Microchip Technology MIC4826 Datasheet HTML 8Page - Microchip Technology MIC4826 Datasheet HTML 9Page - Microchip Technology MIC4826 Datasheet HTML 10Page - Microchip Technology MIC4826 Datasheet HTML 11Page - Microchip Technology MIC4826 Datasheet HTML 12Page - Microchip Technology MIC4826 Datasheet HTML 13Page - Microchip Technology MIC4826 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
MIC4826
DS20006134B-page 10
2019 -2022 Microchip Technology Inc.
FIGURE 4-2:
180 Hz Output Waveform.
In general, as the EL lamp frequency increases, the
amount of current drawn from the battery will increase.
The color of the EL lamp and the intensity are
dependent upon its frequency.
FIGURE 4-3:
360 Hz Output Waveform.
4.5
Enable Function
The enable function of the MIC4826 is implemented by
switching the RSW and REL resistor between ground
and VDD. When RSW and REL are connected to ground,
the switch and the EL oscillators are disabled; therefore
the EL driver becomes disabled. When these resistors
connect to VDD, both oscillators will function and the EL
driver is enabled.
TIME (2ms/div)
TIME (2ms/div)
V
IN = 3.0V
L = 220mH
C
OUT = 0.01mF
Lamp = 2in2
R
SW = 562k
R
EL = 1M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com