Electronic Components Datasheet Search
  English  ▼

X  

MIC2941AWT Datasheet(PDF) 11 Page - Microchip Technology

Part # MIC2941AWT
Description  1.25A Low Dropout Voltage Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2941AWT Datasheet(HTML) 11 Page - Microchip Technology

Back Button MIC2941AWT Datasheet HTML 7Page - Microchip Technology MIC2941AWT Datasheet HTML 8Page - Microchip Technology MIC2941AWT Datasheet HTML 9Page - Microchip Technology MIC2941AWT Datasheet HTML 10Page - Microchip Technology MIC2941AWT Datasheet HTML 11Page - Microchip Technology MIC2941AWT Datasheet HTML 12Page - Microchip Technology MIC2941AWT Datasheet HTML 13Page - Microchip Technology MIC2941AWT Datasheet HTML 14Page - Microchip Technology MIC2941AWT Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
2018 - 2022 Microchip Technology Inc. and its subsidiaries
DS20006000B-page 11
MIC2940A/41A
FIGURE 2-19:
Output Impedance vs.
Frequency.
0.01
0.1
1
10
FREQUENCY (Hz)
I
LOAD = 10mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com