Electronic Components Datasheet Search
  English  ▼

X  

MIC2941AWT Datasheet(PDF) 14 Page - Microchip Technology

Part # MIC2941AWT
Description  1.25A Low Dropout Voltage Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2941AWT Datasheet(HTML) 14 Page - Microchip Technology

Back Button MIC2941AWT Datasheet HTML 10Page - Microchip Technology MIC2941AWT Datasheet HTML 11Page - Microchip Technology MIC2941AWT Datasheet HTML 12Page - Microchip Technology MIC2941AWT Datasheet HTML 13Page - Microchip Technology MIC2941AWT Datasheet HTML 14Page - Microchip Technology MIC2941AWT Datasheet HTML 15Page - Microchip Technology MIC2941AWT Datasheet HTML 16Page - Microchip Technology MIC2941AWT Datasheet HTML 17Page - Microchip Technology MIC2941AWT Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
MIC2940A/41A
DS20006000B-page 14
2018 - 2022 Microchip Technology Inc. and its subsidiaries
5.0
PACKAGING INFORMATION
5.1
Package Marking Information
Note:
If the full seven-character YYWWNNN code cannot fit on the package, the following truncated codes are
used based on the available marking space:
6 Characters = YWWNNN; 5 Characters = WWNNN; 4 Characters = WNNN; 3 Characters = NNN;
2 Characters = NN; 1 Character = N
Example
TO-220*
(Fixed)
X.XXX YYWW
WNNNP
Example
TO-263*
(Fixed)
XXXXXXXX
3.3WT 2134
4KL5P
MIC2940A
Example
TO-220*
(Adj.)
XXX
WNNNP
XXXX
AWT
8C43P
2941
Example
TO-263*
(Adj.)
XXXX
XXX
WNNNP
2941
AWU
39G1P
XXXX YYWW
WNNNP
XXXXXXXX
12WU 2212
2K0BP
MIC2940A
Legend: XX...X Product code or customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC® designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
●, ▲, ▼ Pin one index is identified by a dot, delta up, or delta down (triangle
mark).
Note: In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information. Package may or may not include
the corporate logo.
Underbar (_) and/or Overbar (‾) symbol may not be to scale.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com