Electronic Components Datasheet Search
  English  ▼

X  

STL52N60DM6 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STL52N60DM6
Description  N-channel 600 V, 72 mΩ typ., 45 A, MDmesh DM6 Power MOSFET in a PowerFLAT 8x8 HV package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL52N60DM6 Datasheet(HTML) 5 Page - STMicroelectronics

  STL52N60DM6 Datasheet HTML 1Page - STMicroelectronics STL52N60DM6 Datasheet HTML 2Page - STMicroelectronics STL52N60DM6 Datasheet HTML 3Page - STMicroelectronics STL52N60DM6 Datasheet HTML 4Page - STMicroelectronics STL52N60DM6 Datasheet HTML 5Page - STMicroelectronics STL52N60DM6 Datasheet HTML 6Page - STMicroelectronics STL52N60DM6 Datasheet HTML 7Page - STMicroelectronics STL52N60DM6 Datasheet HTML 8Page - STMicroelectronics STL52N60DM6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
2.1
Electrical characteristics (curves)
Figure 1. Safe operating area
GADG070520210854SOA
102
101
100
10-1
10-2
10-3
10-1
100
101
102
ID
(A)
VDS (V)
tp =10 µs
tp =1 µs
tp =100 µs
tp =1 ms
IDM
V(BR)DSS
Operation
in
this
area
is limited
by
RDS(on)
RDS(on) max.
single pulse
TC = 25 °C
TJ ≤ 150 °C
tp =10 ms
Figure 2. Maximum transient thermal impedance
GADG070520210855ZTH
10-1
10-2
10-3
10-6
10-5
10-4
10-3
10-2
10-1 tp(s)
0.05
duty=0.5
3
2
4
Single pulse
ton
T
duty = ton / T
RthJC = 0.72 °C/W
ZthJC
(°C/W)
Figure 3. Typical output characteristics
GADG141220201039OCH
120
100
80
60
40
20
0
0
2
4
6
8
10 12 14 16
ID
(A)
VDS (V)
9V
8V
7V
6V
VGS=10V
Figure 4. Typical transfer characteristics
GADG141220201145TCH
120
100
80
60
40
20
0
0
2
4
6
8
10
ID
(A)
VGS (V)
VDS =18V
Figure 5. Typical gate charge characteristics
GADG141220201041QVG
500
400
300
200
100
0
10
8
6
4
2
0
0
10
20
30
40
50
VGS
(V)
VDS
(V)
Qg (nC)
Qgs
Qgd
Qg
VDS
VGS
VDD =480V, ID =40A
Figure 6. Typical drain-source on-resistance
GADG070520210903RID
76
74
72
70
68
0
10
20
30
40
RDS(on)
(mΩ)
ID (A)
VGS = 10 V
STL52N60DM6
Electrical characteristics (curves)
DS12975 - Rev 3
page 5/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com