Electronic Components Datasheet Search
  English  ▼

X  

MIC38C45YN Datasheet(PDF) 21 Page - Microchip Technology

Part # MIC38C45YN
Description  BiCMOS Current-Mode PWM Controllers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC38C45YN Datasheet(HTML) 21 Page - Microchip Technology

Back Button MIC38C45YN Datasheet HTML 16Page - Microchip Technology MIC38C45YN Datasheet HTML 17Page - Microchip Technology MIC38C45YN Datasheet HTML 18Page - Microchip Technology MIC38C45YN Datasheet HTML 19Page - Microchip Technology MIC38C45YN Datasheet HTML 20Page - Microchip Technology MIC38C45YN Datasheet HTML 21Page - Microchip Technology MIC38C45YN Datasheet HTML 22Page - Microchip Technology MIC38C45YN Datasheet HTML 23Page - Microchip Technology MIC38C45YN Datasheet HTML 24Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
2020 - 2022 Microchip Technology Inc. and its subsidiaries
DS20006436B-page 21
MIC38C42/43/44/45
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
Examples:
a) MIC38C42:
BiCMOS Current-Mode PWM
Controller, 96% Max. Duty
Cycle, UVLO Threshold Startup
14.5V, Min. Operating 9V, –40°C
to +125°C Junction Temperature
Range
MIC38C42YM:
8-Lead SOIC, 95/Tube
MIC38C42-1YM
14-Lead SOIC, 54/Tube
MIC38C42YM-TR:
8-Lead SOIC, 2,500/Reel
MIC38C42-1YM-TR
14-Lead SOIC, 2,500/Reel
MIC38C42YMM:
8-Lead MSOP, 100/Tube
MIC38C42YMM-TR:
8-Lead MSOP, 2,500/Reel
MIC38C42-1YN
14-Lead DIP, 25/Tube
MIC38C42YN
8-Lead DIP, 50/Tube
b) MIC38C43:
BiCMOS Current-Mode PWM
Controller, 96% Max. Duty
Cycle, UVLO Threshold Startup
8.4V, Min. Operating 7.6V,
–40°C to +125°C Junction
Temperature Range
MIC38C43YM:
8-Lead SOIC, 95/Tube
MIC38C43-1YM
14-Lead SOIC, 54/Tube
MIC38C43YM-TR:
8-Lead SOIC, 2,500/Reel
MIC38C43-1YM-TR
14-Lead SOIC, 2,500/Reel
MIC38C43YMM:
8-Lead MSOP, 100/Tube
MIC38C43YMM-TR:
8-Lead MSOP, 2,500/Reel
MIC38C43-1YN
14-Lead DIP, 25/Tube
MIC38C43YN
8-Lead DIP, 50/Tube
c) MIC38C44:
BiCMOS Current-Mode PWM
Controller, 50% Max. Duty
Cycle, UVLO Threshold Startup
14.5V, Min. Operating 9V, –40°C
to +125°C Junction Temperature
Range
MIC38C44YM:
8-Lead SOIC, 95/Tube
MIC38C44-1YM
14-Lead SOIC, 54/Tube
MIC38C44YM-TR:
8-Lead SOIC, 2,500/Reel
MIC38C44-1YM-TR
14-Lead SOIC, 2,500/Reel
MIC38C44YMM:
8-Lead MSOP, 100/Tube
MIC38C44YMM-TR:
8-Lead MSOP, 2,500/Reel
MIC38C44-1YN
14-Lead DIP, 25/Tube
MIC38C44YN
8-Lead DIP, 50/Tube
d) MIC38C45:
BiCMOS Current-Mode PWM
Controller, 50% Max. Duty
Cycle, UVLO Threshold Startup
8.4V, Min. Operating 7.6V,
–40°C to +125°C Junction
Temperature Range
MIC38C45YM:
8-Lead SOIC, 95/Tube
MIC38C45-1YM
14-Lead SOIC, 54/Tube
MIC38C45YM-TR:
8-Lead SOIC, 2,500/Reel
MIC38C45-1YM-TR
14-Lead SOIC, 2,500/Reel
MIC38C45YMM:
8-Lead MSOP, 100/Tube
MIC38C45YMM-TR:
8-Lead MSOP, 2,500/Reel
MIC38C45-1YN
14-Lead DIP, 25/Tube
MIC38C45YN
8-Lead DIP, 50/Tube
Device:
MIC38C4x:
BiCMOS Current-Mode PWM Controller
(See Selection Guide Below for Part-
Specific Detail)
MIC38C42:
96% Max. Duty Cycle, UVLO Threshold
Startup 14.5V, Min. Operating 9V
MIC38C43:
96% Max. Duty Cycle, UVLO Threshold
Startup 8.4V, Min. Operating 7.6V
MIC38C44:
50% Max. Duty Cycle, UVLO Threshold
Startup 14.5V, Min. Operating 9V
MIC38C45:
50% Max. Duty Cycle, UVLO Threshold
Startup 8.4V, Min. Operating 7.6V
Product Feature: <blank> = 8-Lead
1
= 14-Lead
Junction
Temperature
Range:
Y
=
–40°C to +125°C, RoHS-Compliant
Package:
M
=
SOIC Package
MM =
MSOP Package
N
=
DIP Package
Media Type:
TR
= 2,500/Reel
<blank>= 95/Tube for 8-Lead M Package
<blank>= 100/Tube for MM Package
<blank>= 50/Tube for 8-Lead N Package
<blank>= 25/Tube for 14-Lead N Package
<blank>= 54/Tube for 14-Lead M Package
Selection Guide
Duty Cycle
UVLO Thresholds
—
Start-Up 8.4V
Min. Operating 7.6V
Start-Up 14.5V
Min. Operating 9V
0% to 96%
MIC38C43
MIC38C42
0% to 50%
MIC38C45
MIC38C44
Device
[-X]
X
XX
[-XX]
Part No.
Product
Feature
Temp. Range
Package
Media Type
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identifier is
used for ordering purposes and is not printed on
the device package. Check with your Microchip
Sales Office for package availability with the
Tape and Reel option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com