Electronic Components Datasheet Search
  English  ▼

X  

MIC38C45YN Datasheet(PDF) 8 Page - Microchip Technology

Part # MIC38C45YN
Description  BiCMOS Current-Mode PWM Controllers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC38C45YN Datasheet(HTML) 8 Page - Microchip Technology

Back Button MIC38C45YN Datasheet HTML 4Page - Microchip Technology MIC38C45YN Datasheet HTML 5Page - Microchip Technology MIC38C45YN Datasheet HTML 6Page - Microchip Technology MIC38C45YN Datasheet HTML 7Page - Microchip Technology MIC38C45YN Datasheet HTML 8Page - Microchip Technology MIC38C45YN Datasheet HTML 9Page - Microchip Technology MIC38C45YN Datasheet HTML 10Page - Microchip Technology MIC38C45YN Datasheet HTML 11Page - Microchip Technology MIC38C45YN Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
MIC38C42/43/44/45
DS20006436B-page 8
2020 - 2022 Microchip Technology Inc. and its subsidiaries
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
Pin Number
8-Pin DIP,
SOIC, MSOP
Pin Number
14-Pin DIP
and SOIC
Pin Name
Description
1
1
COMP
Compensation: Connect external compensation network to modify
the error amplifier output.
—
2
NC
Not internally connected.
2
3
FB
Feedback (Input): Error amplifier input. Feedback is 2.5V at
desired output voltage.
—
4
NC
Not internally connected.
3
5
ISNS
Current Sense (Input): Current sense comparator input. Connect
to current sensing resistor or current transformer.
—
6
NC
Not internally connected.
4
7
RT/CT
Timing Resistor/Timing Capacitor: Connect external RC network to
select switching frequency.
5
—
GND
Ground: Combined analog and power ground.
—
8
PGND
Power Ground: N-channel driver transistor ground.
—
9
AGND
Analog Ground: Controller circuitry ground.
6
10
OUT
Gate Driver Output: Totem-pole output.
—
11
VD
Power Supply (Input): P-channel driver transistor supply input.
Return to power ground (PGND).
7
12
VDD
Analog Supply (Input): Controller circuitry supply input. Return to
analog ground (AGND).
—
13
NC
Not internally connected.
8
14
VREF
5V Reference (Output): Connect external RC network.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com