Electronic Components Datasheet Search
  English  ▼

X  

MAX38802 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX38802
Description  Integrated, Step-Down Switching Regulators with Selectable Applications Configurations
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX38802 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX38802 Datasheet HTML 17Page - Maxim Integrated Products MAX38802 Datasheet HTML 18Page - Maxim Integrated Products MAX38802 Datasheet HTML 19Page - Maxim Integrated Products MAX38802 Datasheet HTML 20Page - Maxim Integrated Products MAX38802 Datasheet HTML 21Page - Maxim Integrated Products MAX38802 Datasheet HTML 22Page - Maxim Integrated Products MAX38802 Datasheet HTML 23Page - Maxim Integrated Products MAX38802 Datasheet HTML 24Page - Maxim Integrated Products MAX38802 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Table 3a. MAX38802 Configuration Table
Table 3b. MAX38803 Configuration Table
R_SEL
(kΩ)
VREF
(V)
SOFT-START
TIME (tSS)
(ms)
VALLEY OCP
INCEPTION
(A)
OPERATION
MODES
REPORTING
(CURRENT/TEMP)
RSENSE
(GAIN)
(mΩ)
fSW SETTING
tSTAT
(µs)
C_SEL
0pF
200pF
820pF
1.78
0.95
6
16
CCM
Current
2.8
fSW #4 fSW #5 fSW #6
2000
2.67
CCM/DCM
4.02
3
CCM
6.04
CCM/DCM
9.09
Ext.
CCM
13.3
1.5
20
0.6
6
24
CCM/DCM
30.9
CCM
46.4
16
71.5
CCM/DCM
Temp
107
Current
1.4
162
Ext.
1.5
20
CCM
Temp
fSW #1 fSW #2 fSW #3
128
R_SEL
(kΩ)
VREF
(V)
SOFT-START
TIME (tSS)
(ms)
VALLEY OCP
INCEPTION
(A)
OPERATION
MODES
REPORTING
(CURRENT/TEMP)
RSENSE
(GAIN)
(mΩ)
fSW SETTING
tSTAT
(µs)
C_SEL
0pF
200pF
820pF
1.78
0.95
1.5
16
CCM
Current
2.8
fSW #4 fSW #5 fSW #6
2000
2.67
CCM/DCM
4.02
3
CCM
6.04
CCM/DCM
9.09
Ext.
CCM
5.4
13.3
CCM/DCM
20
0.6
24
2.8
30.9
CCM
46.4
16
5.4
71.5
CCM/DCM
Temp
107
Ext.
20
CCM
1.4
162
1.5
fSW #1 fSW #2 fSW #3
128
MAX38802/MAX38803
www.maximintegrated.com
Maxim Integrated │ 21
Integrated, Step-Down Switching Regulator
with Selectable Applications Configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com