Electronic Components Datasheet Search
  English  ▼

X  

MAX38802 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX38802
Description  Integrated, Step-Down Switching Regulators with Selectable Applications Configurations
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX38802 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX38802 Datasheet HTML 1Page - Maxim Integrated Products MAX38802 Datasheet HTML 2Page - Maxim Integrated Products MAX38802 Datasheet HTML 3Page - Maxim Integrated Products MAX38802 Datasheet HTML 4Page - Maxim Integrated Products MAX38802 Datasheet HTML 5Page - Maxim Integrated Products MAX38802 Datasheet HTML 6Page - Maxim Integrated Products MAX38802 Datasheet HTML 7Page - Maxim Integrated Products MAX38802 Datasheet HTML 8Page - Maxim Integrated Products MAX38802 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
(VCC = 1.8V ±5%, unless otherwise specified.
Electrical Characteristics (continued)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
OUTPUT VOLTAGE PROTECTION (OVP)
Overvoltage-Protection Rising
Threshold
OVP
Relative to programmed VOUT (Note 7)
9.5
13
16.5
%
Overvoltage-Protection Deglitch
Filter Time
25
30
36
µs
Power Good Protection Falling
Threshold
PWRGD
Relative to programmed VOUT (Note 7)
4.5
9
12
%
Power Good Protection Rising
Threshold
Note 7
3
6
9
%
Power Good Deglitch Filter Time
25
30
36
µs
OVERCURRENT PROTECTION (OCP)
Positive Overcurrent-Protection
Threshold
OCP
Absolute value of inductor valley
current (Note 8)
16
A
20
24
Negative Overcurrent-Protection
Threshold
Absolute value of inductor valley
current (Note 8)
-16
A
-20
-24
Overcurrent-Protection Threshold
Tolerance
Referenced to nominal value (Note 7)
-20
20
%
Hysteresis (Note 5)
Referenced to inception value (Note 7)
12
15
18
%
OVERTEMPERATURE PROTECTION (OTP)
Overtemperature-Protection
Inception Threshold
OTP
Note 7
130
140
150
°C
Hysteresis
-30
-10
°C
TEMPERATURE REPORTING
Temperature-Reporting Range
TJ
0
125
°C
Temperature-Reporting Tolerance
Note 7
-4
4
°C
CURRENT REPORTING
Current-Reporting Range
ILOAD
0
25
A
Current-Reporting Tolerance
From no load to full load (Note 7)
-2
2
A
Full Load (Note 7)
-8
8
%
MAX38802/MAX38803
www.maximintegrated.com
Maxim Integrated │ 4
Integrated, Step-Down Switching Regulator
with Selectable Applications Configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com