Electronic Components Datasheet Search
  English  ▼

X  

SPC572L-DISP Datasheet(PDF) 1 Page - STMicroelectronics

Part # SPC572L-DISP
Description  SPC572L-DISP Discovery board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC572L-DISP Datasheet(HTML) 1 Page - STMicroelectronics

  SPC572L-DISP Datasheet HTML 1Page - STMicroelectronics SPC572L-DISP Datasheet HTML 2Page - STMicroelectronics SPC572L-DISP Datasheet HTML 3Page - STMicroelectronics SPC572L-DISP Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For further information contact your local STMicroelectronics sales office.
November 2018
DB3708 Rev 1
1/4
SPC572L-DISP
SPC572L-DISP Discovery+ board
Data brief
Features
 SPC572L64E3 is 32-bit Power
Architecture®VLE Compliant CPU core, single
issue, single-precision floating-point
operations. 1568 KB on-chip RWW flash
memory. Supporting EEPROM emulation (32
KB). 64 KB general-purpose data SRAM.
System Memory Protection Unit (SMPU)
Integrated programmer - debugger.
 Board Supply: 12V (ext PSU) and USB
 Integrated programmer - debugger.
 JTAG interface: standard 7x2 male 0.1"
connector
 Mini JTAG connector: 2x5 0,05"
 1 CAN port with transceiver
 1 KLine with transceiver
 1 USB virtual COM Port
 3 LEDs for user purpose
 20 MHz crystal
 The GIPOs and pins accesible by a 4x37 0.1’’
pin grid array
 Board size 153 x 102mm
Description
The SPC572L-DISP board helps the user to
discover the SPC572L64E3 microcontroller with
full access to CPUs, GPI/O's and peripherals
such as CAN, FlexRay, LIN, UART at budget
price. The discovery board includes a PLS
debugger-programmer, two JTAG ports (2x7 -
0.1" and 2x5 0.05") and an extension headers
array (4x37 pins) to connect prototyping boards or
additional modules. UDE software is available for
free download and includes a perpetual 256
Kbyte debugging/programming license. Free
ready-to-run application firmware examples are
available inside SPC5Studio
(www.st.com/spc5studio) to support quick
evaluation and development. SPC5Studio
includes visual configurable code generation
engine, board support package (BSP), startup
routines, interrupt services. SPC5Studio is
available for free download.
An ST Community is available on ST WEB
Table 1. Device summary
Order Code
Reference
SPC572L-DISP
SPC572L Discovery with
SPC572L64E3
www.st.com


Similar Part No. - SPC572L-DISP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC572L60E3 STMICROELECTRONICS-SPC572L60E3 Datasheet
2Mb / 112P
32-bit Power Architecture® based MCU for automotive powertrain applications
06-Jul-2017
SPC572L60F2 STMICROELECTRONICS-SPC572L60F2 Datasheet
2Mb / 112P
32-bit Power Architecture® based MCU for automotive powertrain applications
06-Jul-2017
SPC572L64E3 STMICROELECTRONICS-SPC572L64E3 Datasheet
2Mb / 112P
32-bit Power Architecture® based MCU for automotive powertrain applications
06-Jul-2017
SPC572L64F2 STMICROELECTRONICS-SPC572L64F2 Datasheet
2Mb / 112P
32-bit Power Architecture® based MCU for automotive powertrain applications
06-Jul-2017
SPC572LADPT100S STMICROELECTRONICS-SPC572LADPT100S Datasheet
243Kb / 4P
SPC572LADPT80S, SPC572LADPT100S microcontroller premium evaluation boards for SPC572Lx
01-Jul-2015
More results

Similar Description - SPC572L-DISP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC56B-DISCOVERY STMICROELECTRONICS-SPC56B-DISCOVERY Datasheet
245Kb / 4P
SPC560B-DIS Discovery evaluation board
July 2015 Rev 3
SPC58NH-DISP STMICROELECTRONICS-SPC58NH-DISP Datasheet
538Kb / 7P
SPC58 H Line Discovery Board
13-Mar-2020
SPC56L-DISCOVERY STMICROELECTRONICS-SPC56L-DISCOVERY_V01 Datasheet
132Kb / 4P
SPC56EL70L5DISP: Discovery evaluation board
01-Aug-2018
SPC58NG-DISP STMICROELECTRONICS-SPC58NG-DISP Datasheet
327Kb / 5P
SPC58NG-DISP Discovery evaluation board
04-Jul-2019
UM2461 STMICROELECTRONICS-UM2461 Datasheet
763Kb / 24P
SPC584B-DIS Discovery Board
15-Apr-2020
SPC56B-DISCOVERY STMICROELECTRONICS-SPC56B-DISCOVERY_V01 Datasheet
100Kb / 4P
SPC560B-DIS Discovery evaluation board
September 2018
SPC56P-DISCOVERY STMICROELECTRONICS-SPC56P-DISCOVERY_V01 Datasheet
134Kb / 6P
SPC560P-DISP: Discovery evaluation board
August 2018
SPC574S-DISP STMICROELECTRONICS-SPC574S-DISP Datasheet
2Mb / 7P
SPC574S-DISP – Discovery Board
12-Aug-2019
UM2462 STMICROELECTRONICS-UM2462 Datasheet
1Mb / 16P
SPC584B-DISP Discovery Board
02-Mar-2020
SPC570S-DISP STMICROELECTRONICS-SPC570S-DISP Datasheet
295Kb / 4P
SPC570S-DISP Discovery evaluation board
05-Apr-2016
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com