Electronic Components Datasheet Search
  English  ▼

X  

SPC572L-DISP Datasheet(PDF) 2 Page - STMicroelectronics

Part # SPC572L-DISP
Description  SPC572L-DISP Discovery board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC572L-DISP Datasheet(HTML) 2 Page - STMicroelectronics

  SPC572L-DISP Datasheet HTML 1Page - STMicroelectronics SPC572L-DISP Datasheet HTML 2Page - STMicroelectronics SPC572L-DISP Datasheet HTML 3Page - STMicroelectronics SPC572L-DISP Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
System requirements, HW and SW resources
SPC572L-DISP
2/4
DB3708 Rev 1
1
System requirements, HW and SW resources
1.1
System requirements
Windows PC
USB cable: Type-A to mini-B
PSU:12V, 2A (100÷240 Vac, EU plug)
1.2
Development toolchain
SPC5Studio.
1.3
Demonstration software
Demonstration software is preloaded in the MCU Flash memory for easy demonstration of
the SPC572L-DISP in stand-alone mode.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com