Electronic Components Datasheet Search
  English  ▼

X  

ST25DV04K Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST25DV04K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, and fast transfer mode capability
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV04K Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST25DV04K Datasheet HTML 2Page - STMicroelectronics ST25DV04K Datasheet HTML 3Page - STMicroelectronics ST25DV04K Datasheet HTML 4Page - STMicroelectronics ST25DV04K Datasheet HTML 5Page - STMicroelectronics ST25DV04K Datasheet HTML 6Page - STMicroelectronics ST25DV04K Datasheet HTML 7Page - STMicroelectronics ST25DV04K Datasheet HTML 8Page - STMicroelectronics ST25DV04K Datasheet HTML 9Page - STMicroelectronics ST25DV04K Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 200 page
background image
2
Signal descriptions
2.1
Serial link (SCL, SDA)
2.1.1
Serial clock (SCL)
This input signal is used to strobe all data in and out of the ST25DVxxx. In applications where this signal is used
by slave devices to synchronize the bus to a slower clock, the bus master must have an open drain output, and a
pull-up resistor must be connected from Serial Clock (SCL) to VCC. See Section 9.2 I2C DC and AC parameters
to know how to calculate the value of this pull-up resistor
2.1.2
Serial data (SDA)
This bidirectional signal is used to transfer data in or out of the ST25DVxxx. It is an open drain output that may
be wire-OR’ed with other open drain or open collector signals on the bus. A pull-up resistor must be connected
from Serial Data (SDA) to VCC. (Figure 76. I2C Fast mode (fC = 1 MHz): maximum Rbus value versus bus parasitic
capacitance (Cbus) indicates how the value of the pull-up resistor can be calculated).
2.2
Power control (VCC, LPD,VSS)
2.2.1
Supply voltage (VCC)
This pin can be connected to an external DC supply voltage.
Note:
An internal voltage regulator allows the external voltage applied on VCC to supply the ST25DVxxx, while
preventing the internal power supply (rectified RF waveforms) to output a DC voltage on the VCC pin.
2.2.2
Low Power Down (LPD)
This input signal is used to control an internal 1.8 V regulator delivering ST25DVxxx internal supply. When LPD
is high, this regulator is shut off and its consumption is reduced below 1µA. This regulator has a turn on time in
range of 100us, to be added to the boot duration, before the device becomes fully operational. The impedance on
LDP pin when set high doesn't exceed 5kΩ.
This feature is only available on the 10-ball and 12-pin ST25DVxxx package. The LPD pin is internally pulled-
down.
2.2.3
Ground (VSS)
VSS is the reference for the VCC and VDCG supply voltages and V_EH analog output voltage.
ST25DV04K ST25DV16K ST25DV64K
Signal descriptions
DS10925 - Rev 9
page 6/200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com