Electronic Components Datasheet Search
  English  ▼

X  

ST25DV04K Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST25DV04K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, and fast transfer mode capability
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV04K Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST25DV04K Datasheet HTML 6Page - STMicroelectronics ST25DV04K Datasheet HTML 7Page - STMicroelectronics ST25DV04K Datasheet HTML 8Page - STMicroelectronics ST25DV04K Datasheet HTML 9Page - STMicroelectronics ST25DV04K Datasheet HTML 10Page - STMicroelectronics ST25DV04K Datasheet HTML 11Page - STMicroelectronics ST25DV04K Datasheet HTML 12Page - STMicroelectronics ST25DV04K Datasheet HTML 13Page - STMicroelectronics ST25DV04K Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 200 page
background image
4
Memory management
4.1
Memory organization overview
The ST25DVxxx memory is divided in four main memory areas:
•
User memory
•
Dynamic registers
•
Fast transfer mode buffer
•
System configuration area
The ST25DVxxx user memory can be divided into 4 flexible user areas. Each area can be individually read -
and/or - write-protected with one out of three specific 64-bit password.
The ST25DVxxx dynamic registers are accessible by RF or I2C host and provide dynamic activity status or allow
temporary activation or deactivation of some ST25DVxxx features.
The ST25DVxxx also provides a 256 byte fast transfer mode buffer, acting as a mailbox between RF and I2C
interface, allowing fast data transfer between contact and contactless worlds.
Finally, the ST25DVxxx system configuration area contains static registers to configure all ST25DVxxx features,
which can be tuned by user. Its access is protected by a 64 bit configuration password.
This system configuration area also includes read only device information such as IC reference, memory size or
IC revision, as well as a 64-bit block that is used to store the 64-bit unique identifier (UID), and the AFI (default
00h) and DSFID (default 00h) registers. The UID is compliant with the ISO 15693 description, and its value is
used during the anticollision sequence (Inventory). The UID value is written by ST on the production line. The AFI
register stores the application family identifier. The DSFID register stores the data storage family identifier used in
the anticollision algorithm.
The system configuration area includes five additional 64-bit blocks that store an I2C password plus three RF user
area access passwords and a RF configuration password.
ST25DV04K ST25DV16K ST25DV64K
Memory management
DS10925 - Rev 9
page 10/200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com