Electronic Components Datasheet Search
  English  ▼

X  

STA369BWSTR Datasheet(PDF) 26 Page - STMicroelectronics

Part # STA369BWSTR
Description  2.1-channel 40-watt high-efficiency digital audio system Sound Terminal®
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA369BWSTR Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STA369BWSTR Datasheet HTML 22Page - STMicroelectronics STA369BWSTR Datasheet HTML 23Page - STMicroelectronics STA369BWSTR Datasheet HTML 24Page - STMicroelectronics STA369BWSTR Datasheet HTML 25Page - STMicroelectronics STA369BWSTR Datasheet HTML 26Page - STMicroelectronics STA369BWSTR Datasheet HTML 27Page - STMicroelectronics STA369BWSTR Datasheet HTML 28Page - STMicroelectronics STA369BWSTR Datasheet HTML 29Page - STMicroelectronics STA369BWSTR Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 92 page
background image
Register description
STA369BWS
26/92
DocID016861 Rev 7
0x42
Reserved
Reserved
0x43
Reserved
Reserved
0x44
Reserved
Reserved
0x45
Reserved
Reserved
0x46
SHOK
GND1A
GND1B
GND2A
GND2B
VCC1A
VCC1B
VCC2A
VCC2B
0x47
Reserved
Reserved
0x48
NSHAPE
NSHXEN
NSHB7EN
NSHB6EN
NSHB5EN
NSHB4EN
NSHB3EN
NSHB2EN
NSHB1EN
0x49
CXTB4B1
CXTB4[1:0]
CXTB3[1:0]
CXTB2[1:0]
CXTB1[1:0]
0x4A
CXTB7B5
Reserved
Reserved
CXTB7[1:0]
CXTB6[1:0]
CXTB5[1:0]
0x4B
MISC1
RPDNEN
NSHHPEN
BRIDGOFF
F3XEN[1:0]
CPWMEN
Reserved
BOOST
0x4C
MISC2
LPDP
LPD
LPDE
PNDLSL[2:0]
Reserved
SHEN
0x4D
BPTH
BPTH[5:0]
Reserved
GDRC
0x4E
BADPWM
BP4B
BP4A
BP3B
BP3A
BP2B
BP2A
BP1B
BP1A
0x4F
BPTIM
BPTIM[7:0]
0x50
Reserved
Reserved
0x51
Reserved
Reserved
0x52
Reserved
Reserved
0x53
Reserved
Reserved
0x54
Reserved
Reserved
0x55
Reserved
Reserved
0x56
Reserved
Reserved
0x60
BQCHKE0
BQCHKE[7:0]
0x61
BQCHKE1
BQCHKE[15:8]
0x62
BQCHKE2
BQCHKE[23:16]
0x63
XCCHKE0
XCCHKE[7:0]
0x64
XCCHKE1
XCCHKE[15:8]
0x65
XCCHKE2
XCCHKE[23:16]
0x66
BQCHKR0
BQCHKR[7:0]
0x67
BQCHKR1
BQCHKR[15:8]
0x68
BQCHKR2
BQCHKR[23:16]
0x69
XCCHKR0
XCCHKR[7:0]
0x6A
XCCHKR1
XCCHKR[15:8]
0x6B
XCCHKR2
XCCHKR[23:16]
0x6C
CHKCTRL
XCAUTO
XCRES
XCCMP
XCGO
BCAUTO
BCRES
BCCMP
BCGO
Table 9. Register summary (continued)
Addr
Name
D7
D6
D5
D4
D3
D2
D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92