Electronic Components Datasheet Search
  English  ▼

X  

1752098 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1752098
Description  Printed-circuit board connector - MSTB 2,5/ 2-G-5,08 AU
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1752098 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1752098 Datasheet HTML 1Page - PHOENIX CONTACT 1752098 Datasheet HTML 2Page - PHOENIX CONTACT 1752098 Datasheet HTML 3Page - PHOENIX CONTACT 1752098 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/pi/products/1752098
11/04/2018   Page 1 / 4
Printed-circuit board connector - MSTB 2,5/ 2-G-5,08 AU - 1752098
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
PCB headers, nominal current: 12 A, rated voltage (III/2): 320 V, number of positions: 2, pitch: 5.08 mm, color:
green, contact surface: Gold, mounting: Wave soldering
The figure shows a 10-pos. version
of the product in green
Your advantages
 Gold-plated contacts ensure transfer quality remains stable over the long term
 Maximum flexibility when it comes to device design – one header for connectors with different connection technologies
 Easy PCB replacement thanks to plug-in modules
 Well-known mounting principle allows worldwide use
 Plug-in direction parallel to the PCB
 Items that can be aligned in various pitches support flexible and space-saving PCB assembly
Key Commercial Data
Packing unit
50 pc
GTIN
GTIN
4017918348748
Technical data
Dimensions
Length [ l ]
12 mm
Width
10.16 mm
Pitch
5.08 mm
Dimension a
5.08 mm
Width [ w ]
10.16 mm
Height [ h ]
12.1 mm
Height
8.6 mm
Length of the solder pin
3.5 mm
Pin dimensions
1 x 1 mm


Similar Part No. - 1752098

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1752007 PHOENIX-1752007 Datasheet
116Kb / 4P
PCB terminal block - MKDSN 1,5/ 2-5,08 RD
11/04/2018
logo
Adels-Contact
175201 ADELS-175201 Datasheet
119Kb / 2P
900 SI RZ/ 1
logo
List of Unclassifed Man...
1752010B1 ETC2-1752010B1 Datasheet
60Kb / 2P
CORDSET - NORTH AMERICAN WIRE HARNESS
logo
Adels-Contact
175202 ADELS-175202 Datasheet
120Kb / 2P
900 SI RZ/ 2
175203 ADELS-175203 Datasheet
120Kb / 2P
900 SI RZ/ 3
More results

Similar Description - 1752098

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1729535 PHOENIX-1729535 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 2-G-5,08 THTGY7038AU
1752182 PHOENIX-1752182 Datasheet
46Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 3-G-5,08 AU
1765739 PHOENIX-1765739 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 3-G-5,08 BK AU
1749027 PHOENIX-1749027 Datasheet
46Kb / 2P
Printed-circuit board connector - MSTB 2,5/12-G-5,08 AU
1752276 PHOENIX-1752276 Datasheet
46Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 4-G-5,08 AU
1752454 PHOENIX-1752454 Datasheet
46Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 6-G-5,08 AU
1752645 PHOENIX-1752645 Datasheet
46Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 8-G-5,08 AU
1764510 PHOENIX-1764510 Datasheet
48Kb / 3P
Printed-circuit board connector - MSTB 2,5/15-G-5,08 BK AU
1764617 PHOENIX-1764617 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 6-G-5,08 BK AU
1836066 PHOENIX-1836066 Datasheet
120Kb / 6P
Printed-circuit board connector - MSTB 2,5/ 2-STF-5,08 AU
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com