Electronic Components Datasheet Search
  English  ▼

X  

1752098 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1752098
Description  Printed-circuit board connector - MSTB 2,5/ 2-G-5,08 AU
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1752098 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1752098 Datasheet HTML 1Page - PHOENIX CONTACT 1752098 Datasheet HTML 2Page - PHOENIX CONTACT 1752098 Datasheet HTML 3Page - PHOENIX CONTACT 1752098 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
https://www.phoenixcontact.com/pi/products/1752098
11/04/2018   Page 2 / 4
Printed-circuit board connector - MSTB 2,5/ 2-G-5,08 AU - 1752098
Technical data
Dimensions
Length
12 mm
General
Range of articles
MSTB 2,5/..-G
Insulating material group
I
Rated surge voltage (III/3)
4 kV
Rated surge voltage (III/2)
4 kV
Rated surge voltage (II/2)
4 kV
Rated voltage (III/3)
250 V
Rated voltage (III/2)
320 V
Rated voltage (II/2)
400 V
Connection in acc. with standard
EN-VDE
Nominal current IN
12 A
Insulating material
PA
Flammability rating according to UL 94
V0
Color
green
Number of positions
2
Standards and Regulations
Connection in acc. with standard
EN-VDE
CSA
Flammability rating according to UL 94
V0
Environmental Product Compliance
China RoHS
Environmentally friendly use period: unlimited = EFUP-e
No hazardous substances above threshold values
Drawings
Diagram
0
10
20
30
40
50
60
70
80
90
100 110
0
4
8
12
16
20
24
= 2-pos.
= 5-pos.
= 12-pos.
= 18-pos.
Ambient temperature [°C]
Type: MSTBT 2,5/...-ST-5,08 AU with MSTB 2,5/...-G-5,08 AU
Dimensional drawing
22
12
2
2,54
a
a+5,08
5,08
Approvals
Approvals



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com