Electronic Components Datasheet Search
  English  ▼

X  

1753543 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1753543
Description  PCB terminal block - MKDSN 1,5/ 3 EBP 2-5,2-3
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1753543 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1753543 Datasheet HTML 1Page - PHOENIX CONTACT 1753543 Datasheet HTML 2Page - PHOENIX CONTACT 1753543 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/pi/products/1753543
11/04/2018   Page 1 / 3
PCB terminal block - MKDSN 1,5/ 3 EBP 2-5,2-3 - 1753543
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
PCB terminal block, nominal current: 13.5 A, pitch: 5 mm, number of positions: 3, connection method: Screw
connection with tension sleeve, mounting: Wave soldering, conductor/PCB connection direction: 0 °, color:
green
Key Commercial Data
Packing unit
50 pc
GTIN
GTIN
4046356322232
Technical data
Item properties
Number of positions
3
Drive form screw head
Slotted (L)
Screw thread
M3
Pin layout
Linear pinning
Dimensions for the product
Length [ l ]
8.1 mm
Width [ w ]
15 mm
Height [ h ]
13.5 mm
Pitch
5 mm
Height (without solder pin)
10 mm
Solder pin [P]
3.5 mm
Pin spacing
5 mm
Dimension a
10 mm
Dimensions for PCB design
Hole diameter
1.3 mm
Pin spacing
5 mm
Packaging information
Type of packaging
packed in cardboard
Pieces per package
50
Denomination packing units
Pcs.


Similar Part No. - 1753543

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
17535 ETC2-17535 Datasheet
2Mb / 6P
Except for the Wattmeters Frequency Meters
1753510B1 ETC2-1753510B1 Datasheet
61Kb / 2P
CORDSET - NORTH AMERICAN POWER SUPPLY CORD
logo
PHOENIX CONTACT
1753518 PHOENIX-1753518 Datasheet
128Kb / 8P
Base strip - MSTBV 2,5/ 6-G - 1753518
1753518 PHOENIX-1753518 Datasheet
142Kb / 6P
MSTB 2,5/ 6-ST
1753518 PHOENIX-1753518 Datasheet
172Kb / 6P
MVSTBR 2,5/ 6-ST
More results

Similar Description - 1753543

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1761302 PHOENIX-1761302 Datasheet
58Kb / 5P
PCB terminal block - MKDSN 1,5/ 2 GY
1869651 PHOENIX-1869651 Datasheet
118Kb / 6P
PCB terminal block - MKDSN 1,5/ 3-5,08 BK
1890976 PHOENIX-1890976 Datasheet
112Kb / 6P
PCB terminal block - MKDSN 2.5/ 3
1985852 PHOENIX-1985852 Datasheet
142Kb / 7P
PCB terminal block - MKDSN 1,5/ 3 HT BK
5772524 PHOENIX-5772524 Datasheet
106Kb / 3P
PCB terminal block - MKDSN 1,5/ 3-5,08 TS
11/05/2018
1752007 PHOENIX-1752007 Datasheet
116Kb / 4P
PCB terminal block - MKDSN 1,5/ 2-5,08 RD
11/04/2018
1161119 PHOENIX-1161119 Datasheet
372Kb / 12P
PCB terminal block - MKDSN 1,5/ 3-5,08 MCBD:-S
Jun 29, 2022
1729267 PHOENIX-1729267 Datasheet
364Kb / 10P
PCB terminal block - MKDSN 1,5/16
1548128 PHOENIX-1548128 Datasheet
341Kb / 10P
MKDSN 1,5/ 2-5,08 SPE - PCB terminal block
1548129 PHOENIX-1548129 Datasheet
351Kb / 10P
MKDSN 1,5/ 3-5,08 SPE - PCB terminal block
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com