Electronic Components Datasheet Search
  English  ▼

X  

1753543 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1753543
Description  PCB terminal block - MKDSN 1,5/ 3 EBP 2-5,2-3
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1753543 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1753543 Datasheet HTML 1Page - PHOENIX CONTACT 1753543 Datasheet HTML 2Page - PHOENIX CONTACT 1753543 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
https://www.phoenixcontact.com/pi/products/1753543
11/04/2018   Page 2 / 3
PCB terminal block - MKDSN 1,5/ 3 EBP 2-5,2-3 - 1753543
Technical data
Air clearances and creepage distances
Voltage
250 V
Standards and Regulations
Connection in acc. with standard
EN-VDE
Environmental Product Compliance
REACh SVHC
Lead 7439-92-1
China RoHS
Environmentally Friendly Use Period = 50
For details about hazardous substances go to tab “Downloads”,
Category “Manufacturer's declaration”
Approvals
Approvals
Approvals
DNV GL / IECEE CB Scheme / SEV / EAC / cULus Recognized
Ex Approvals
Approval details
DNV GL 
 http://exchange.dnv.com/tari/
 TAE00001EV
IECEE CB Scheme 
 http://www.iecee.org/
 CH-8225
 
 
Nominal voltage UN
250 V
Nominal current IN
13.5 A
mm²/AWG/kcmil
1.5
SEV 
  https://www.electrosuisse.ch/de/meta/shop/produktezertifikate.html  IK-3542-M1
 
 
Nominal voltage UN
250 V
Nominal current IN
13.5 A
mm²/AWG/kcmil
1.5



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com