Electronic Components Datasheet Search
  English  ▼

X  

1754597 Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # 1754597
Description  Printed-circuit board connector - FKCN 2,5/ 5-ST-5,08
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1754597 Datasheet(HTML) 5 Page - PHOENIX CONTACT

  1754597 Datasheet HTML 1Page - PHOENIX CONTACT 1754597 Datasheet HTML 2Page - PHOENIX CONTACT 1754597 Datasheet HTML 3Page - PHOENIX CONTACT 1754597 Datasheet HTML 4Page - PHOENIX CONTACT 1754597 Datasheet HTML 5Page - PHOENIX CONTACT 1754597 Datasheet HTML 6Page - PHOENIX CONTACT 1754597 Datasheet HTML 7Page - PHOENIX CONTACT 1754597 Datasheet HTML 8Page - PHOENIX CONTACT 1754597 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
https://www.phoenixcontact.com/pi/products/1754597
09/12/2020   Page 5 / 22
Printed-circuit board connector - FKCN 2,5/ 5-ST-5,08 - 1754597
Technical data
Durability tests (B)
Insertion/withdrawal cycles
25
Contact resistance R2
1.3 mΩ
Impulse withstand voltage at sea level
4.8 kV
Power-frequency withstand voltage
2.21 kV
Insulation resistance, neighboring positions
> 0.2 TΩ
Thermal tests (C)
Specification
IEC 60512-5-1:2002-02
Number of positions
12
Conductor cross section
2.5 mm²
Test current
12 A
Upper limiting temperature requirements <100 °C
Test passed
Climatic tests (D)
Specification
ISO 6988:1985-02
Cold stress
-40 °C/2 h
Thermal stress
100 °C/168 h
Corrosive stress
0.2 dm3 SO2 on 300 dm3/40 °C/1 cycle
Impulse withstand voltage at sea level
4.8 kV
Power-frequency withstand voltage
2.21 kV
Environmental and durability tests (E)
Specification
IEC 61984:2008-10
Result, degree of protection, IP code
Finger safety with IP20 test finger
Environmental Product Compliance
China RoHS
Environmentally friendly use period: unlimited = EFUP-e
No hazardous substances above threshold values
Drawings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com