Electronic Components Datasheet Search
  English  ▼

X  

1754597 Datasheet(PDF) 20 Page - PHOENIX CONTACT

Part # 1754597
Description  Printed-circuit board connector - FKCN 2,5/ 5-ST-5,08
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1754597 Datasheet(HTML) 20 Page - PHOENIX CONTACT

Back Button 1754597 Datasheet HTML 14Page - PHOENIX CONTACT 1754597 Datasheet HTML 15Page - PHOENIX CONTACT 1754597 Datasheet HTML 16Page - PHOENIX CONTACT 1754597 Datasheet HTML 17Page - PHOENIX CONTACT 1754597 Datasheet HTML 18Page - PHOENIX CONTACT 1754597 Datasheet HTML 19Page - PHOENIX CONTACT 1754597 Datasheet HTML 20Page - PHOENIX CONTACT 1754597 Datasheet HTML 21Page - PHOENIX CONTACT 1754597 Datasheet HTML 22Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
https://www.phoenixcontact.com/pi/products/1754597
09/12/2020   Page 20 / 22
Printed-circuit board connector - FKCN 2,5/ 5-ST-5,08 - 1754597
Accessories
Feed-through header - MSTBO 2,5/ 5-GR-5,08 - 1847136
PCB headers, nominal current: 8 A, rated voltage (III/2): 320 V, nominal cross section: 2.5 mm², number of positions:
5, pitch: 5.08 mm, color: green, contact surface: Tin, mounting: Wave soldering, pin layout: Linear pinning, solder pin
[P]: 3.2 mm
 
 
Feed-through header - MSTBO 2,5/ 5-GL-5,08 - 1850466
PCB headers, nominal current: 8 A, rated voltage (III/2): 320 V, nominal cross section: 2.5 mm², number of positions:
5, pitch: 5.08 mm, color: green, contact surface: Tin, mounting: Wave soldering, pin layout: Linear pinning, solder pin
[P]: 3.2 mm
 
 
Printed-circuit board connector - DFK-MSTBA 2,5/ 5-G-5,08 - 1898868
Feed-through header, nominal current: 12 A, rated voltage (III/2): 320 V, nominal cross section: 2.5 mm², number of
positions: 5, pitch: 5.08 mm, color: green, contact surface: Tin, mounting: Wave soldering, pin layout: Linear pinning,
solder pin [P]: 3.2 mm
 
 
Printed-circuit board connector - DFK-MSTBVA 2,5/ 5-G-5,08 - 1899168
Feed-through header, nominal current: 12 A, rated voltage (III/2): 320 V, nominal cross section: 2.5 mm², number of
positions: 5, pitch: 5.08 mm, color: green, contact surface: Tin, mounting: Wave soldering, pin layout: Linear pinning
 
 
Printed-circuit board connector - MSTBA 2,5/ 5-G-5,08 THT-R56 - 1937266
PCB headers, number of positions: 5, pitch: 5.08 mm, color: black, contact surface: Tin, pin layout: Linear pinning,
solder pin [P]: 2.9 mm, User information and design recommendations for through hole reflow technology can be
found under: Downloads
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com