Electronic Components Datasheet Search
  English  ▼

X  

8EWF12STRR Datasheet(PDF) 3 Page - International Rectifier

Part # 8EWF12STRR
Description  SURFACE MOUNTABLE FAST SOFT RECOVERY DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

8EWF12STRR Datasheet(HTML) 3 Page - International Rectifier

  8EWF12STRR Datasheet HTML 1Page - International Rectifier 8EWF12STRR Datasheet HTML 2Page - International Rectifier 8EWF12STRR Datasheet HTML 3Page - International Rectifier 8EWF12STRR Datasheet HTML 4Page - International Rectifier 8EWF12STRR Datasheet HTML 5Page - International Rectifier 8EWF12STRR Datasheet HTML 6Page - International Rectifier 8EWF12STRR Datasheet HTML 7Page - International Rectifier 8EWF12STRR Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
I2126 rev. B 10/99
8EWF..S
QUIETIR Series
T
J
Max.JunctionTemperatureRange
-40to150
°C
T
stg
Max.StorageTemperatureRange
-40to150
°C
SolderingTemperature
240
°C
for10seconds
R
thJC
Max.ThermalResistanceJunction
2.5
°C/W
DCoperation
toCase
R
thJA
Typ.ThermalResistanceJunction
50
°C/W
toAmbient(PCBMount)**
wt
ApproximateWeight
1(0.03)
g(oz.)
T
Case Style
TO-252AA(D-Pak)
Thermal-Mechanical Specifications
Parameters
8EWF..S
Units
Conditions
**When mounted on 1" square (650mm2) PCB of FR-4 or G-10 material 4 oz (140µm) copper 40°C/W
For recommended footprint and soldering techniques refer to application note #AN-994
Fig.1-CurrentRatingCharacteristics
Fig.3-ForwardPowerLossCharacteristics
Fig.4-ForwardPowerLossCharacteristics
Fig.2-CurrentRatingCharacteristics
60
70
80
90
100
110
120
130
140
150
0
1
2
345
67
89
30°
60°
90°
120°
180°
Conduction Angle
Average Forward Current (A)
8EWF..S Series
R
(DC) = 2.5 °C/W
thJC
60
70
80
90
100
110
120
130
140
150
02
468
10
12
14
DC
30°
60°
90°
120°
180°
Conduction Period
Average Forward Current (A)
8EWF..S Series
R
(DC) = 2.5 °C/W
thJC
0
2
4
6
8
10
12
01
23
4
5
6
7
8
9
RMS Limit
180°
120°
90°
60°
30°
Conduction Angle
Average Forward Current (A)
8EWF..S Series
T = 150°C
J
0
2
4
6
8
10
12
14
16
18
024
68
10
12
14
DC
180°
120°
90°
60°
30°
RMS Limit
Conduction Period
Average Forward Current (A)
8EWF..S Series
T = 150°C
J



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com