Electronic Components Datasheet Search
  English  ▼

X  

8EWF12STRR Datasheet(PDF) 6 Page - International Rectifier

Part # 8EWF12STRR
Description  SURFACE MOUNTABLE FAST SOFT RECOVERY DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

8EWF12STRR Datasheet(HTML) 6 Page - International Rectifier

  8EWF12STRR Datasheet HTML 1Page - International Rectifier 8EWF12STRR Datasheet HTML 2Page - International Rectifier 8EWF12STRR Datasheet HTML 3Page - International Rectifier 8EWF12STRR Datasheet HTML 4Page - International Rectifier 8EWF12STRR Datasheet HTML 5Page - International Rectifier 8EWF12STRR Datasheet HTML 6Page - International Rectifier 8EWF12STRR Datasheet HTML 7Page - International Rectifier 8EWF12STRR Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
I2126 rev. B 10/99
8EWF..S
QUIETIR Series
Ordering Information Table
8
E
W
F
12
S
TRL
1
5
2
4
3
6
7
1
-
Current Rating
2
-
Circuit Configuration:
E = Single Diode
3
-
Package:
W = D-Pak
4
-
Type of Silicon:
F = Fast Soft Recovery Rectifier
5
-
Voltage code: Code x 100 = V
RRM
6
-
S = Surface Mountable
7
-
Tape and Reel Option:
TRL = Left Orientation Reel
TRR = Right Orientation Reel
10 = 1000V
12 = 1200V
Device Code
Dimensionsinmillimetersand(inches)
Outline Table
BASE
CATHODE
CATHODE ANODE
ANODE
4
12
3
6.73 (0.26)
6.35 (0.25)
5.46 (0.21)
5.21 (0.20)
4
1.27 (0.05)
0.88 (0.03)
5.97 (0.23)
1 - Anode
2 - Cathode
3 - Anode
4 - Cathode
1.64 (0.02)
1.52 (0.06)
1.15 (0.04)
1.14 (0.04)
0.76 (0.03)
2x
2.28 (0.09)
2x
0.89 (0.03)
0.64 (0.02)
3x
4.57 (0.18)
123
6.22 (0.24)
2.38 (0.09)
2.19 (0.08)
6.45 (0.24)
5.68 (0.22)
10.42 (0.41)
9.40 (0.37)
0.46 (0.02)
0.58 (0.02)
1.14 (0.04)
0.89 (0.03)
0.51 (0.02)
MIN.
0.58 (0.02)
0.46 (0.02)
MINIMUM RECO MMENDED FOOTPRINT
5.97 (0.24)
10.67 ( 0.42)
1.65 (0.06)
6.48 (0.26)
2x
2.54 (0.10)
2x
2.28 ( 0.09)
2x



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com