Electronic Components Datasheet Search
  English  ▼

X  

STW65N60DM6 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STW65N60DM6
Description  N-channel 600 V, 60 mΩ typ., 46 A MDmesh DM6 Power MOSFETs in a TO-247 and TO-247 long leads packages
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW65N60DM6 Datasheet(HTML) 5 Page - STMicroelectronics

  STW65N60DM6 Datasheet HTML 1Page - STMicroelectronics STW65N60DM6 Datasheet HTML 2Page - STMicroelectronics STW65N60DM6 Datasheet HTML 3Page - STMicroelectronics STW65N60DM6 Datasheet HTML 4Page - STMicroelectronics STW65N60DM6 Datasheet HTML 5Page - STMicroelectronics STW65N60DM6 Datasheet HTML 6Page - STMicroelectronics STW65N60DM6 Datasheet HTML 7Page - STMicroelectronics STW65N60DM6 Datasheet HTML 8Page - STMicroelectronics STW65N60DM6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
2.1
Electrical characteristics curves
Figure 1. Safe operating area
GADG250320211403SOA
10 2
10 1
10 0
10 -1
10 -1
10 0
10 1
10 2
ID
(A)
VDS (V)
tp =1 µs
tp =10 µs
tp =100 µs
tp =1 ms
tp =10 ms
RDS(on) max.
V(BR)DSS
single pulse
TJ≤150 °C
TC=25 °C
IDM
VGS=10 V
Figure 2. Maximum transient thermal impedance
GADG250320211419ZTH
10 -1
10 -2
10 -3
10 -6
10 -5
10 -4
10 -3
10 -2
10 -1
tp (s)
0.3
0.1
0.05
0.4
duty=0.5
0.2
Single pulse
ton
T
duty = ton / T
RthJC = 0.34 °C/W
ZthJC
(°C/W)
Figure 3. Typical output characteristics
GIPD031020181119OCH
120
100
80
60
40
20
0
0
4
8
12
16
ID
(A)
VDS (V)
VGS =10V
VGS =9V
VGS =8V
VGS =7V
VGS =6V
Figure 4. Typical output characteristics
GIPD031020181119TCH
120
100
80
60
40
20
0
4
5
6
7
8
9
ID
(A)
VGS (V)
VDS = 20V
Figure 5. Typical drain-source on-resistance
GADG250320211420RID
66
64
62
60
58
56
54
0
6
12
18
24
30
36
42
RDS(on)
(mΩ)
ID (A)
VGS =10V
Figure 6. Typical gate charge characteristics
GADG220320211445QVG
600
500
400
300
200
100
0
12
10
8
6
4
2
0
0
10
20
30
40
50
60
70
VDS
(V)
Qg (nC)
Qgs
Qgd
Qg
VDD = 480 V, ID = 42 A
VGS
VDS
VGS
(V)
STW65N60DM6, STWA65N60DM6
Electrical characteristics curves
DS12314 - Rev 5
page 5/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com