Electronic Components Datasheet Search
  English  ▼

X  

STWA70N65DM6 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STWA70N65DM6
Description  N-channel 650 V, 36 mΩ typ., 68 A MDmesh DM6 Power MOSFET in a TO-247 long leads package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWA70N65DM6 Datasheet(HTML) 5 Page - STMicroelectronics

  STWA70N65DM6 Datasheet HTML 1Page - STMicroelectronics STWA70N65DM6 Datasheet HTML 2Page - STMicroelectronics STWA70N65DM6 Datasheet HTML 3Page - STMicroelectronics STWA70N65DM6 Datasheet HTML 4Page - STMicroelectronics STWA70N65DM6 Datasheet HTML 5Page - STMicroelectronics STWA70N65DM6 Datasheet HTML 6Page - STMicroelectronics STWA70N65DM6 Datasheet HTML 7Page - STMicroelectronics STWA70N65DM6 Datasheet HTML 8Page - STMicroelectronics STWA70N65DM6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
2.1
Electrical characteristics (curves)
Figure 1. Safe operating area
GADG280620190757SOA
102
101
100
10-1
10-1
100
101
102
ID
(A)
VDS (V)
Operation in this area
is limited by RDS(on)
TC = 25 °C, TJ ≤ 150 °C
single pulse
tp = 1 ms
IDM
tp = 1 µs
tp = 100 µs
tp = 10 µs
V(BR)DSS
RDS(on) max.
Figure 2. Maximum transient thermal impedance
GADG280620190822ZTH
10-1
10-2
10-3
10-6
10-5
10-4
10-3
10-2
10-1
Zthj-c
tp (s)
(°C/W)
single pulse
0.05
0.1
duty = 0.5
0.4
0.3
0.2
Figure 3. Typical output characteristics
GADG060620191330OCH
240
200
160
120
80
40
0
0
2
4
6
8
10
12
ID
(A)
VDS (V)
VGS = 9, 10 V
VGS = 8 V
VGS = 6 V
VGS = 7 V
Figure 4. Typical transfer characteristics
GADG060620191331TCH
240
200
160
120
80
40
0
4
5
6
7
8
9
ID
(A)
VGS (V)
VDS = 12 V
Figure 5. Typical gate charge characteristics
GADG060620191331QVG
600
500
400
300
200
100
0
12
10
8
6
4
2
0
0
30
60
90
120
150
Qg (nC)
VDD = 520 V, ID = 68 A
Qg
Qgd
Qgs
VDS
(V)
VGS
(V)
Figure 6. Typical drain-source on-resistance
GADG060620191329RID
39
38
37
36
35
34
33
0
10
20
30
40
50
60
RDS(on)
(mΩ)
ID (A)
VGS =10 V
STWA70N65DM6
Electrical characteristics (curves)
DS12313 - Rev 5
page 5/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com