Electronic Components Datasheet Search
  English  ▼

X  

MSK4470D Datasheet(PDF) 4 Page - M.S. Kennedy Corporation

Part # MSK4470D
Description  10 AMP, 500V, 3 PHASE IGBT BRUSHLESS MOTOR CONTROLLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4470D Datasheet(HTML) 4 Page - M.S. Kennedy Corporation

  MSK4470D Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4470D Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4470D Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4470D Datasheet HTML 4Page - M.S. Kennedy Corporation MSK4470D Datasheet HTML 5Page - M.S. Kennedy Corporation MSK4470D Datasheet HTML 6Page - M.S. Kennedy Corporation MSK4470D Datasheet HTML 7Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
HALL
A
HALL
B
HALL
C
HALL
A
HALL
B
HALL
C
AØ
BØ
CØ
AØ
BØ
CØ
1
0
0
1
0
0
H
-
L
L
-
H
0
1
1
0
1
1
0
-
H
L
-
L
H
0
0
1
0
1
1
1
L
H
-
H
L
-
0
0
1
1
0
1
1
L
-
H
H
-
L
0
0
0
1
0
0
1
-
L
H
-
H
L
0
1
0
1
0
0
0
H
L
-
L
H
-
0
1
1
1
1
0
1
-
-
-
-
-
-
0
0
0
0
0
1
0
-
-
-
-
-
-
0
X
X
X
X
X
X
L
L
L
L
L
L
1
4
Rev. B 10/00
1
= High Level
H = SOURCE
NOTE: Because of the true 4 quadrant method of output switching,
0
= Low Level
L
= SINK
the output switches will PWM between the ICOMMAND POSITIVE
X = Don't Care
-
= OPEN
and ICOMMAND NEGATIVE states, with the average percentage
based on ICOMMAND being a positive voltage and a negative
voltage. With a zero voltage ICOMMAND, the output switches will
modulate with exactly a 50% duty cycle between the
ICOMMAND POSITIVE and ICOMMAND NEGATIVE states.
APPLICATION NOTES CONTINUED
COMMUTATION TRUTH TABLE
60°
HALL SENSOR PHASING
120°
ICOMMAND = POS.
ICOMMAND = NEG.
BRAKE



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com