Electronic Components Datasheet Search
  English  ▼

X  

MSK4470D Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # MSK4470D
Description  10 AMP, 500V, 3 PHASE IGBT BRUSHLESS MOTOR CONTROLLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4470D Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  MSK4470D Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4470D Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4470D Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4470D Datasheet HTML 4Page - M.S. Kennedy Corporation MSK4470D Datasheet HTML 5Page - M.S. Kennedy Corporation MSK4470D Datasheet HTML 6Page - M.S. Kennedy Corporation MSK4470D Datasheet HTML 7Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
500 Volt Motor Supply Voltage
10 Amp Output Switch Capability
100% Duty Cycle High Side Conduction Capable
Shoot-Through/Cross Conduction Protection
Hall Sensing and Commutation Circuitry on Board
"Real" Four Quadrant Torque Control Capability
Good Accuracy Around the Null Torque Point
Isolated Package Design for High Voltage Isolation Plus Good Thermal Transfer
60°/ 120º Phasing Selectable
4707 Dey Road Liverpool, N.Y. 13088
(315) 701-6751
M.S.KENNEDY CORP.
4470
10 AMP, 500V, 3 PHASE
IGBT BRUSHLESS
MOTOR CONTROLLER
BLOCK DIAGRAM
DESCRIPTION:
The MSK 4470 is a complete 3 Phase IGBT Bridge Brushless Motor Control System in a convenient isolated baseplate
package. The hybrid is capable of 10 amps of output current and 500 volts of DC bus voltage. It has the normal features
for protecting the bridge. Included is all the bridge drive circuitry, hall sensing circuitry, commutation circuitry and all the
current sensing and analog circuitry necessary for closed loop current mode (torque) control. When PWM'ing, the transis-
tors are modulated in locked anti-phase (complementary) mode for the tightest control and the most bandwidth. Provisions
for applying different compensation schemes are included. The MSK 4470 has good thermal conductivity of the MOSFET's
due to isolated package design that allows direct heat sinking of the hybrid without insulators.
FEATURES:
Rev. B 10/00
TYPICAL APPLICATIONS
3 Phase Brushless DC Motor Control
Servo Control
Fin Actuator Control
Gimbal Control
AZ-EL Control
PIN-OUT INFORMATION
MIL-PRF-38534 QUALIFIED
ISO 9001 CERTIFIED BY DSCC
1
2
3
4
5
6
7
8
9
10
11
12
N/C
REFOUT
HALL A
HALL B
HALL C
60/120
BRAKE
CLOCK SYNC
DIS
GND
N/C
N/C
13
14
15
16
17
18
19
20
21
22
23
24
E/A OUT
E/A-
GND
+Current Command
-Current Command
+15 VIN
Current Monitor Out
-15 VIN
N/C
N/C
N/C
GND
25
26
27
28
29
30
31
32
33
34
35
36
N/C
N/C
LGND
N/C
N/C
RTN
RTN
N/C
CVS
CVS
N/C
CO
37
38
39
40
41
42
43
44
45
46
47
48
CO
N/C
CV+
CV+
N/C
BVS
BVS
N/C
BO
BO
N/C
BV+
49
50
51
52
53
54
55
56
57
58
BV+
N/C
AVS
AVS
N/C
AO
AO
N/C
AV+
AV+


Similar Part No. - MSK4470D

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK4470 MSK-MSK4470_15 Datasheet
219Kb / 7P
500 Volt Motor Supply Voltage
More results

Similar Description - MSK4470D

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT5026 AEROFLEX-ACT5026 Datasheet
53Kb / 2P
ACT5026 10 AMP 3-PHASE BRUSHLESS DC MOTOR CONTROLLER
logo
M.S. Kennedy Corporatio...
MSK4370 MSK-MSK4370 Datasheet
195Kb / 3P
10 AMP, 500V, 3 PHASE IGBT BRUSHLESS MOTOR CONTROLLER
MSK4360 MSK-MSK4360 Datasheet
294Kb / 7P
10 AMP, 55V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
MSK4363 MSK-MSK4363 Datasheet
253Kb / 7P
10 AMP, 75V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
MSK4310HU MSK-MSK4310HU Datasheet
280Kb / 8P
10 AMP, 55V, 3 PHASE BRUSHLESS MOTOR SPEED CONTROLLER
MSK4410S MSK-MSK4410S Datasheet
273Kb / 8P
10 AMP, 55V, 3 PHASE BRUSHLESS MOTOR SPEED CONTROLLER
MSK4460S MSK-MSK4460S Datasheet
283Kb / 7P
10 AMP, 55V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
logo
Anaren Microwave
MSK4324 ANAREN-MSK4324 Datasheet
936Kb / 8P
10 AMP, 200V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
MSK4360 ANAREN-MSK4360 Datasheet
767Kb / 8P
10 AMP, 55V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
MSK4460 ANAREN-MSK4460 Datasheet
138Kb / 7P
10 AMP, 55V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com