Electronic Components Datasheet Search
  English  ▼

X  

MSMDP19 Datasheet(PDF) 1 Page - Schurter Inc.

Part # MSMDP19
Description  Momentary action switch double pole
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

MSMDP19 Datasheet(HTML) 1 Page - Schurter Inc.

  MSMDP19 Datasheet HTML 1Page - Schurter Inc. MSMDP19 Datasheet HTML 2Page - Schurter Inc. MSMDP19 Datasheet HTML 3Page - Schurter Inc. MSMDP19 Datasheet HTML 4Page - Schurter Inc. MSMDP19 Datasheet HTML 5Page - Schurter Inc. MSMDP19 Datasheet HTML 6Page - Schurter Inc. MSMDP19 Datasheet HTML 7Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
Metal Line Switches
MSM DP 19
https://www.schurter.com /PG70
Switches
Momentary action switch double pole
RI homogeneous blue
Point Illumination
green
Non-illuminated
grey
See below:
Approvals and Compliances
Description
- Available in version Standard, lettered, with Point Illumination or Ring
Illumination
- Assembly method: clip micro-switch into the saddle, secure switch
using mounting nut
- Equipped with flat-pin plugs to permit fast connection
Characteristics
- Housing and actuating area material: high-quality stainless steel for use
in harsh environments (see technical data)
- Variety of design options regarding size, colour, illumination, connec-
tion or lettering
- Switching voltage from 30 VDC to 250 VAC, switching current from 0.1
A to 10 A
- double pole version with two switching contact sets, can be wired as
NO, NC or as change-over
- IP-Protection: IP67 from front side to contact area, Micro-Switch is
available in versions IP40 or IP67
References
Alternative: switch with latching function:
Alternative: switch with backlighted illumination: MSM CS 19
Alternative: Other diameter
Alternative: Standard version MSM DP 22; MSM DP 30
Weblinks
pdf data sheet, html datasheet, General Product Information, CAD-
Drawings, Product News, Detailed request for product


Similar Part No. - MSMDP19

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
MSMD010 HUAXINAN-MSMD010 Datasheet
406Kb / 8P
Resettable Fuse PTC SMD1812 Series
MSMD010-60 HUAXINAN-MSMD010-60 Datasheet
406Kb / 8P
Resettable Fuse PTC SMD1812 Series
MSMD014 HUAXINAN-MSMD014 Datasheet
406Kb / 8P
Resettable Fuse PTC SMD1812 Series
MSMD014-33 HUAXINAN-MSMD014-33 Datasheet
406Kb / 8P
Resettable Fuse PTC SMD1812 Series
MSMD020 HUAXINAN-MSMD020 Datasheet
406Kb / 8P
Resettable Fuse PTC SMD1812 Series
More results

Similar Description - MSMDP19

ManufacturerPart #DatasheetDescription
logo
ITT Industries
PN11SBNA03QE ITT-PN11SBNA03QE Datasheet
430Kb / 3P
Alternate & Momentary Action Pushbutton Switches
logo
GREATECS
MB6 GREATECS-MB6 Datasheet
158Kb / 4P
SMT Double Action Switch
logo
C&K Components
PN11SBNA03QE CK-COMPONENTS-PN11SBNA03QE Datasheet
314Kb / 3P
Alternate & Momentary Action Pushbutton Switches
logo
List of Unclassifed Man...
OTBA5 ETC2-OTBA5 Datasheet
389Kb / 6P
Momentary Action Optical Touch Buttons
logo
Cherry Semiconductor Co...
E19-00A0 CHERRY-E19-00A0 Datasheet
532Kb / 3P
Snap Action Switch Double Pole General Purpose
logo
C&K Components
PN11 CK-COMPONENTS-PN11 Datasheet
306Kb / 3P
Alternate & Momentary Action Pushbutton Switches
PHB CK-COMPONENTS-PHB Datasheet
260Kb / 3P
Momentary or latching action
logo
Schurter Inc.
LDT SCHURTER-LDT Datasheet
370Kb / 4P
Frontpanel Switch / Momentary Action, Medium Stroke, 10 mm
logo
C&K Components
PN CK-COMPONENTS-PN Datasheet
560Kb / 3P
Alternate & Momentary Action Pushbutton Switches
2022
logo
Banner Engineering Corp...
OTB BANNER-OTB Datasheet
388Kb / 6P
Momentary Action Optical Touch Buttons
Rev. H
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com